Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1036 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1036
Description  Motor Driver Monolithic IC MM1036
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1036 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1036 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1036 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1036 Datasheet HTML 3Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MITSUMI
Motor Driver MM1036
Motor Driver
Monolithic IC MM1036
Outline
This is a motor driver IC developed for video movie use. It has four modes : open, forward, reverse and brake.
It can be used with power supply voltages of 4~16V.
Features
1. Operating voltage range
4~16V
2. Current consumption during standby
2µA max
3. Built-in 2.2V stable power supply
4. Can operate on single power supply
5. Control pins D0 and D1 have TTL interface
6. Built-in thermal shutdown
7. Built-in counter-electromotive clamp diode
Package
SOP-8B (MM1036XF)
Applications
Video movies (auto-focus, zoom)
Equivalent Circuit Diagram


Similar Part No. - MM1036

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1031 MITSUMI-MM1031 Datasheet
92Kb / 4P
   Video Amplifier Monolithic IC
MM1034 MITSUMI-MM1034 Datasheet
189Kb / 6P
   HBS-Compatible Driver and Receiver with Power Supply
MM1035 MITSUMI-MM1035 Datasheet
226Kb / 10P
   System Reset (with built-in watchdog timer) Monolithic IC
MM1035XD MITSUMI-MM1035XD Datasheet
226Kb / 10P
   System Reset (with built-in watchdog timer) Monolithic IC
MM1035XF MITSUMI-MM1035XF Datasheet
226Kb / 10P
   System Reset (with built-in watchdog timer) Monolithic IC
More results

Similar Description - MM1036

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
   Monolithic Linear IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
logo
Mitsumi Electronics, Co...
MM1097 MITSUMI-MM1097 Datasheet
47Kb / 3P
   Low Saturation Motor Driver Monolithic IC
logo
Sanyo Semicon Device
LB8658FN SANYO-LB8658FN Datasheet
266Kb / 16P
   Monolithic Digital IC DSC Motor Driver
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com