Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5D Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # UF5D
Description  5 .0A SURFACE MOUNT ULTRAFAST DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

UF5D Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  UF5D Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd UF5D Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0.01
0.1
1.0
10
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
UF5J-UF5M
UF5G
UF5A-UF5D
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 100 C
j
°
T = 25 C
j
°
1
2
3
4
025
50
75
100
125
150
175
Single phase half wave
Resistive or Inductive load
5
UF5 A – UF5 M
UF5 A – UF5 M
Alldatasheet


Similar Part No. - UF5D

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
UF5D SY-UF5D Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UF5D LUGUANG-UF5D Datasheet
178Kb / 2P
   Surface Mount Rectifiers
logo
Shanghai Shunye Electro...
UF5D SHUNYE-UF5D Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Electronics ...
UF5D CHENDA-UF5D Datasheet
567Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
SUNMATE electronic Co.,...
UF5D SUNMATE-UF5D Datasheet
578Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results

Similar Description - UF5D

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MURS510 ZSELEC-MURS510 Datasheet
157Kb / 2P
   5 .0A SURFACE MOUNT ULTRAFAST DIODE
US5ABF ZSELEC-US5ABF Datasheet
96Kb / 2P
   5 .0A SURFACE MOUNT ULTRAFAST DIODE
US5A ZSELEC-US5A Datasheet
110Kb / 2P
   5 .0A SURFACE MOUNT ULTRAFAST DIODE
EGF5A ZSELEC-EGF5A Datasheet
114Kb / 2P
   5 .0A SURFACE MOUNT ULTRAFAST DIODE
ES5A ZSELEC-ES5A Datasheet
109Kb / 2P
   5 .0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER5A ZSELEC-ER5A Datasheet
104Kb / 2P
   5 .0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
RS5ABF ZSELEC-RS5ABF Datasheet
116Kb / 2P
   5 .0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS5A ZSELEC-RS5A Datasheet
113Kb / 2P
   5 .0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Microdiode Electronics ...
SL0540 CHENDA-SL0540 Datasheet
5Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SL0540 DYELEC-SL0540 Datasheet
1Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com