Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE18 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE18
Description  Silicon Complementary Transistors High Voltage, High Current Capacity Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE18 Datasheet(HTML) 1 Page - NTE Electronics

  NTE18 Datasheet HTML 1Page - NTE Electronics NTE18 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE18 (NPN) & NTE19 (PNP)
Silicon Complementary Transistors
High Voltage, High Current Capacity Driver
Applications:
D Drivers for Amplifiers of up to PO = 60W
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEO
80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
700mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulse (Note 1)
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Dissipation, PC
1W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ
+135
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +135°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. PW = 20ms, Duty Cycle = 1/2
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 2mA
80
V
Collector–Base Breakdown Voltage
V(BR)CBO IC = 50µA
80
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 50µA
5
V
Collector Cutoff Current
ICBO
VCB = 50V
0.5
µA
Emitter Cutoff Current
IEBO
VEB = 4V
0.5
µA
DC Current Gain
hFE
VCE = 3V, IC = 100mA
120
270
Collector Saturation Voltage
VCE(sat)
IC = 500mA, IB = 50mA
200
400
mV
Transition Frequency
NTE18
fT
VCE = 10V, IC = 50mA
120
MHz
NTE19
100
MHz
Output Capacitance
NTE18
Cob
VCB = 10V, IE = 0, f = 1MHz
10
pF
NTE19
14
20
pF


Similar Part No. - NTE18

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE180 NTE-NTE180 Datasheet
23Kb / 2P
   Silicon Power Transistor High Power Audio Amplifier
NTE1800 NTE-NTE1800 Datasheet
23Kb / 3P
   Integrated Circuit TV Multiplex Sound Decoder
NTE1801 NTE-NTE1801 Datasheet
22Kb / 3P
   Integrated Circuit TV dbx Noise Reduction System
NTE1802 NTE-NTE1802 Datasheet
31Kb / 4P
   Integrated Circuit Power Amplifier for Car Stereo Radio, 12W/Ch or 24W BTL
NTE1803 NTE-NTE1803 Datasheet
35Kb / 5P
   Integrated Circuit Stereo Audio Control
More results

Similar Description - NTE18

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2530 NTE-NTE2530 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Driver
NTE2519 NTE-NTE2519 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Voltage Driver
NTE188 NTE-NTE188 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Voltage Amplifier & Driver
logo
ON Semiconductor
MJ11015 ONSEMI-MJ11015_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Transistors
September, 2008 ??Rev. 5
MJ11012 ONSEMI-MJ11012_01 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
CMPT6517 CENTRAL-CMPT6517 Datasheet
104Kb / 2P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
logo
NTE Electronics
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com