Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BNC75-PJ-3CW-CR10B-CF Datasheet(PDF) 8 Page - DDK Ltd.

Part # BNC75-PJ-3CW-CR10B-CF
Description  75 廓 BNC Style Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC75-PJ-3CW-CR10B-CF Datasheet(HTML) 8 Page - DDK Ltd.

  BNC75-PJ-3CW-CR10B-CF Datasheet HTML 1Page - DDK Ltd. BNC75-PJ-3CW-CR10B-CF Datasheet HTML 2Page - DDK Ltd. BNC75-PJ-3CW-CR10B-CF Datasheet HTML 3Page - DDK Ltd. BNC75-PJ-3CW-CR10B-CF Datasheet HTML 4Page - DDK Ltd. BNC75-PJ-3CW-CR10B-CF Datasheet HTML 5Page - DDK Ltd. BNC75-PJ-3CW-CR10B-CF Datasheet HTML 6Page - DDK Ltd. BNC75-PJ-3CW-CR10B-CF Datasheet HTML 7Page - DDK Ltd. BNC75-PJ-3CW-CR10B-CF Datasheet HTML 8Page - DDK Ltd. BNC75-PJ-3CW-CR10B-CF Datasheet HTML 9Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Unit:mm
http://www.ddknet.co.jp
BNC75 Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Assembly Instruction(3)
8
Male Contact
Clamp
Gasket
Washer
Nut
Plug Shell
15
6
3
Male Contact
Clamp
Gasket
Washer
Nut
Plug Shell
15
6
3
① Cut the cable as fig.1
Please be carefule to not damage the outer
conductor.
② Insert the nut, washer, gasket and clamp as
fig.2. The clamp is holded on the sheath and pick
the outer conductor.
③ Cut the insulator and center conductor.
 Turn down the outer conductor to the clamp and cut
the outer conductor along the clamp. Cut the
insulator and center conductor as fig.3.
Please be careful to not damage the center
conductor.
④ Solder up the contact to the center conductor.
Please be careful to not be swelled up the solder.
Please be careful to not gap between contact and
insulator.
Please be careful to not deform the insulator by
soldering.
⑤ Inser the above contact into the body and
screw up the nut.
Please screw up the nut by wrench.
Parts Configulration


Similar Part No. - BNC75-PJ-3CW-CR10B-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75-PJ-3CW-CR10B DDK-BNC75-PJ-3CW-CR10B Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
More results

Similar Description - BNC75-PJ-3CW-CR10B-CF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6746A POMONA-6746A Datasheet
234Kb / 2P
   BNC (M) Compression Style, 75 廓
logo
DDK Ltd.
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
logo
Pomona Electronics
7042 POMONA-7042 Datasheet
264Kb / 2P
   BNC (M) Crimp 75 廓
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
logo
Amphenol Corporation
031-80104 AMPHENOL-031-80104 Datasheet
5Mb / 6P
   High Performance 75 廓 BNC
logo
Pomona Electronics
6752A POMONA-6752A Datasheet
234Kb / 2P
   BNC (M) Crimp Type, 75 廓
logo
Neutrik AG
NADITBNC-M NEUTRIK-NADITBNC-M Datasheet
223Kb / 2P
   Female BNC 75 廓 input - male XLR chassis connector 110 廓 output.
logo
Rosenberger Hochfrequen...
53S171-K00N3 ROSENBERGER-53S171-K00N3 Datasheet
178Kb / 2P
   MATCHING ATTENUATOR N 50廓 PLUG ??BNC 75廓 JACK
logo
DDK Ltd.
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
435Kb / 15P
   BNC Style Connector
logo
Samtec, Inc
SAM9471-ND SAMTEC-SAM9471-ND Datasheet
322Kb / 1P
   75 廓 HD-BNC??TO 12 GH z
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com