Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5232B Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # ZMM5232B
Description  500mW Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ZMM5232B Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ZMM5232B Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ZMM5232B Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd ZMM5232B Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Standard zener voltage tolerance is ± 20%. Add suffix "A"
for ± 10% tolerance, suffix "B" for ± 5% tolerance and
suffix "C" for ± 2% tolerance. Other tolerance, non
standard and higher zener voltages are upon request.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 65 to + 175
O
C
1) Valid provided that electrodes are kept at ambient temperature.
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
1)
K/mW
Forward Voltage
at IF = 200 mA
VF
1.1
V
1) Valid provided that electrodes are kept at ambient temperature.
LL-34
ZMM5221B-ZMM5267B
500mW Silicon Planar Zener Diodes
1 of 3
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
ZMM5221B-ZMM5267B
Alldatasheet


Similar Part No. - ZMM5232B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5232B RECTRON-ZMM5232B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Changzhou Shunye Electr...
ZMM5232B SY-ZMM5232B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Diodes Incorporated
ZMM5232B DIODES-ZMM5232B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5232B JGD-ZMM5232B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Shenzhen Ping Sheng Ele...
ZMM5232B PFS-ZMM5232B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM5232B

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MM1Z2V0 ZSELEC-MM1Z2V0 Datasheet
388Kb / 4P
   500mW Silicon Planar Zener Diodes
logo
Guangdong Juxing Electr...
MMSZXVXCW JUXING-MMSZXVXCW Datasheet
376Kb / 3P
   500mW Silicon Planar Zener Diodes
MMSZ5221BW JUXING-MMSZ5221BW Datasheet
1Mb / 3P
   500mW Silicon Planar Zener Diodes
MMSZ JUXING-MMSZ Datasheet
718Kb / 3P
   500mW Silicon Planar Zener Diodes
logo
Surge Components
SL5225 SURGE-SL5225 Datasheet
82Kb / 2P
   SILICON PLANAR ZENER DIODES, 500mW,MINIMELF PACKAGE
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com