Electronic Components Datasheet Search |
|
CM10-AP2S-M(D6) Datasheet(PDF) 4 Page - DDK Ltd. |
|
CM10-AP2S-M(D6) Datasheet(HTML) 4 Page - DDK Ltd. |
4 / 5 page 4 Unit:mm CM10 Series http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. ○ Straight Cable Receptacle ○Receptacle ・Pin contact style only ・Soldering termination only ・Conductor Size : 20 AWG Max. ・Individually waterproof ・Pin contact style only ・Soldering termination only ・Conductor Size : 20 AWG Max. ・Individually waterproof Contact No.10 grounded to shell with ground lug □17.26 □23.4 4-φ3.2 1.7 8.4 (7.9) 5.2 (13.6) DDK メインキー位置マーク CM10-R2P(D3)-01 (カタログ用図面) 御参考図 2 1 1 2 Main key positon mark 3 min. 1 0 -0.1 4-M3 Mounting Dimensions □17.26±0.1 10 Pins 2 Pins P/N CM10-R10P(D3)-01 P/N CM10-R2P(D3)-01 □17.26 □23.4 4-φ3.2 1.7 8.4 (7.9) 5.2 (13.6) (3以上) 1 0 -0.1 4-M3 DDK 7 10 8 4 1 3 3 1 4 8 10 7 取付け穴寸法 (参考) メインキー位置マーク □17.26±0.1 Main key positon mark □17.26 □23.4 4-φ3.2 1.7 8.4 (7.9) 5.2 (13.6) DDK メインキー位置マーク CM10-R2P(D3)-01 (カタログ用図面) 御参考図 2 1 1 2 Main key positon mark 3 min. 1 0 -0.1 4-M3 Mounting Dimensions □17.26±0.1 10 Pins 2 Pins ・Pin contact style only ・Soldering termination only ・Conductor Size : 20 AWG Max. ・Insulation Dia. : φ 1.87 Max. P/N Cable Outside Dia. CM10-CR10P-S φ 4.0 〜φ 6.0 CM10-CR10P-M φ 6.0 〜φ 9.0 CM10-CR10P-L φ 9.0 〜φ 11.6 P/N Cable Outside Dia. CM10-CR2P-S φ 4.0 〜φ 6.0 CM10-CR2P-M φ 6.0 〜φ 9.0 CM10-CR2P-L φ 9.0 〜φ 11.6 3 1 4 10 7 8 (51.3) (51.3) ・Pin contact style only ・Soldering termination only ・Conductor Size : 20 AWG Max. ・Contact No.10 grounded to shell with ground lug Note: The applicable cable outside diameter is in the case of cabtyre cable. Please contact the nearest sales office when you use a different cable. |
Similar Part No. - CM10-AP2S-M(D6) |
|
Similar Description - CM10-AP2S-M(D6) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |