Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNMM54C151 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNMM54C151
Description  8-CHANNEL DIGITAL MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNMM54C151 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MNMM54C151 Datasheet HTML 1Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 2Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 3Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 4Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 5Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 6Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MNMM54C151-X REV 1A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS:
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Voh
Logical "1"
Output Voltage
Vcc = 5V, Vih = 3.5V, Vil = 1.5V,
Iout = -10uA
4.5
V
1, 2,
3
Vcc = 10V, Vih = 8V, Vil = 2V,
Iout = -10uA
9
V
1, 2,
3
Vcc = 4.5V, Vih = 3V, Vil = 0.8V,
Iout = -360uA
2.4
V
1, 2,
3
Vol
Logical "0"
Output Voltage
Vcc = 5V, Vih = 3.5V, Vil = 1.5V,
Iout = 10uA
0.5
V
1, 2,
3
Vcc = 10V, Vih = 8V, Vil = 2V,
Iout = 10uA
1
V
1, 2,
3
Vcc = 4.5V, Vih = 3V, Vil = 0.8V,
Iout = 360uA
0.4
V
1, 2,
3
Iih
Logical "1" Input
Current
Vcc = 15V, Vin = 15V,
other inputs at 0V
0.15
uA
1, 3
1uA
2
Iil
Logical "0" Input
Current
Vcc = 15V, Vin = 0V,
other inputs at 15V
-0.15
uA
1, 3
-1
uA
2
Icc
Quiescent Device
Current
Vcc = 15V, Vih = 15V, Vil = 0V
10
uA
1, 3
300
uA
2
Isource
Output Source
Current
Vcc = 5V, Vih = 5V, Vil = 0V,
Vout = 0
-1.75
mA
1, 3
-1.2
mA
2
Vcc = 10V, Vih = 10V, Vil = 0V,
Vout = 0
-8
mA
1, 3
-5.6
mA
2
Isink
Output Sink
Current
Vcc = 5V, Vih = 5V, Vil = 0V,
Vout = 5V
1.75
mA
1, 3
1.2
mA
2
Vcc = 10V, Vih = 10V, Vil = 0V,
Vout = 10V
8
mA
1, 3
5.6
mA
2
Vcc = 4.5V, Vih = 3V, Vil = 0.8V,
Vout = 0.4V
360
uA
1, 2,
3
Vih
Logical "1" Input
Voltage
Vcc = 5V
1
3.5
V
1, 2,
3
Vcc = 10V
1
8
V
1, 2,
3
Vcc = 4.5V, (LP to CMOS)
1
3
V
1, 2,
3
Vcc = 4.5V, (CMOS to LP)
1
4
V
1, 2,
3
4


Similar Part No. - MNMM54C151

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MNM4200 MICROSEMI-MNM4200 Datasheet
295Kb / 6P
   NANOMOUNT-TM SWITCHES
MNM4210 MICROSEMI-MNM4210 Datasheet
295Kb / 6P
   NANOMOUNT-TM SWITCHES
MNM4220 MICROSEMI-MNM4220 Datasheet
295Kb / 6P
   NANOMOUNT-TM SWITCHES
More results

Similar Description - MNMM54C151

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
logo
National Semiconductor ...
MM54HCT151 NSC-MM54HCT151 Datasheet
137Kb / 4P
   8-Channel Digital Multiplexer
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
   8-Channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
   8-CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
   8 - CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
   8-Channel Multiplexer
TC74HC151AP TOSHIBA-TC74HC151AP_07 Datasheet
340Kb / 10P
   8-Channel Multiplexer
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
   8 CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com