Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL18C Datasheet(PDF) 7 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # PL18C
Description  ZENER DIODES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

PL18C Datasheet(HTML) 7 Page - Zibo Seno Electronic Engineering Co.,Ltd

Back Button PL18C Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd PL18C Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd PL18C Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd PL18C Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd PL18C Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd PL18C Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd PL18C Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd PL18C Datasheet HTML 10Page - Zibo Seno Electronic Engineering Co.,Ltd PL18C Datasheet HTML 11Page - Zibo Seno Electronic Engineering Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
8
Zener Diodes 2W
2EZ2.7D5/SZ452H to 2EZ330D5/SZ45E3, DO-41/SMA
Nominal Zener
Voltage
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Maximum DC
Zener Current
Type No.
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR@ VR
IZM
Axial Lead
SMD
(V)
(mA)
(Ω)
(Ω)
(mA)
(uA)
(V)
(mA)
2EZ2.7D5
SZ452H
2.7
80
10
400
1.0
100
1.0
660
2EZ3.0D5
SZ453A
3.0
160
8.0
400
1.0
100
1.0
600
2EZ3.3D5
SZ453D
3.3
145
8.0
400
1.0
80
1.0
545
2EZ3.6D5
SZ453G
3.6
139
5.0
400
1.0
80
1.0
504
2EZ3.9D5
SZ453J
3.9
128
5.0
400
1.0
30
1.0
468
2EZ4.3D5
SZ454D
4.3
116
4.5
400
1.0
20
1.0
434
2EZ4.7D5
SZ454H
4.7
106
4.5
550
1.0
5.0
1.0
386
2EZ5.1D5
SZ455B
5.1
98.0
3.5
600
1.0
5.0
1.0
356
2EZ5.6D5
SZ455G
5.6
89.5
2.5
500
1.0
5.0
2.0
324
2EZ6.2D5
SZ456C
6.2
80.5
1.5
700
1.0
5.0
3.0
292
2EZ6.8D5
SZ456I
6.8
73.5
2.0
700
1.0
50
4.0
266
2EZ7.5D5
SZ457F
7.5
66.5
2.0
700
0.5
50
5.0
242
2EZ8.2D5
SZ458C
8.2
61.0
2.3
700
0.5
50
6.0
220
2EZ9.1D5
SZ459B
9.1
55.0
2.5
700
0.5
50
7.0
200
2EZ10D5
SZ4510
10
50.0
3.5
700
0.25
50
7.6
182
2EZ11D5
SZ4511
11
45.5
4.0
700
0.25
50
8.4
166
2EZ12D5
SZ4512
12
41.5
4.5
700
0.25
50
9.1
152
2EZ13D5
SZ4513
13
38.5
5.0
700
0.25
0.5
9.9
138
2EZ14D5
SZ4514
14
35.7
5.5
700
0.25
0.5
10.6
130
2EZ15D5
SZ4515
15
33.4
7.0
700
0.25
0.5
11.4
122
2EZ16D5
SZ4516
16
31.2
8.0
700
0.25
0.5
12.2
114
2EZ17D5
SZ4517
17
29.4
9.0
750
0.25
0.5
13.0
107
2EZ18D5
SZ4518
18
27.8
10
750
0.25
0.5
13.7
100
2EZ19D5
SZ4519
19
26.3
11
750
0.25
0.5
14.4
95
2EZ20D5
SZ4520
20
25.0
11
750
0.25
0.5
15.2
90
2EZ22D5
SZ4522
22
22.8
12
750
0.25
0.5
16.7
82
2EZ24D5
SZ4524
24
20.8
13
750
0.25
0.5
18.2
76
2EZ27D5
SZ4527
27
18.5
18
750
0.25
0.5
20.6
68
2EZ30D5
SZ4530
30
16.6
20
1000
0.25
0.5
22.5
60
2EZ33D5
SZ4533
33
15.1
23
1000
0.25
0.5
25.1
55
2EZ36D5
SZ4536
36
13.9
25
1000
0.25
0.5
27.4
50
2EZ39D5
SZ4539
39
12.8
30
1000
0.25
0.5
29.7
47
2EZ43D5
SZ4543
43
11.6
35
1500
0.25
0.5
32.7
43
2EZ47D5
SZ4547
47
10.6
40
1500
0.25
0.5
35.8
39
2EZ51D5
SZ4551
51
9.8
48
1500
0.25
0.5
38.8
36
2EZ56D5
SZ4556
56
9.0
55
2000
0.25
0.5
42.6
32
2EZ62D5
SZ4562
62
8.1
60
2000
0.25
0.5
47.1
29
2EZ68D5
SZ4568
68
7.4
75
2000
0.25
0.5
51.7
27
2EZ75D5
SZ4575
75
6.7
90
2000
0.25
0.5
56.0
24
2EZ82D5
SZ4582
82
6.1
100
3000
0.25
0.5
62.2
22
2EZ91D5
SZ4591
91
5.5
125
3000
0.25
0.5
69.2
20
2EZ100D5
SZ45B0
100
5.0
175
3000
0.25
0.5
76.0
18
2EZ110D5
SZ45B1
110
4.5
250
4000
0.25
0.5
83.6
17
2EZ120D5
SZ45B2
120
4.2
325
4500
0.25
0.5
91.2
15
2EZ130D5
SZ45B3
130
3.8
400
5000
0.25
0.5
98.8
14
2EZ140D5
SZ45B4
140
3.6
500
5500
0.25
0.5
106.4
13
2EZ150D5
SZ45B5
150
3.3
575
6000
0.25
0.5
114.0
12
2EZ160D5
SZ45B6
160
3.1
650
6500
0.25
0.5
121.6
11
2EZ170D5
SZ45B7
170
2.9
675
7000
0.25
0.5
130.4
11
2EZ180D5
SZ45B8
180
2.8
725
7000
0.25
0.5
136.8
10
2EZ190D5
SZ45B9
190
2.6
825
8000
0.25
0.5
144.8
10
2EZ200D5
SZ45D0
200
2.5
900
8000
0.25
0.5
152.0
9.0
2EZ220D5
SZ45D2
220
2.0
2000
8500
0.25
0.5
167
8.0
2EZ270D5
SZ45D7
270
1.6
2200
8500
0.25
0.5
205
6.7
2EZ300D5
SZ45E0
300
1.5
2200
9000
0.25
0.5
228
5.9
2EZ330D5
SZ45E3
330
1.4
2300
9000
0.25
0.5
250
5.4
WWW.SENOCN.COM
Alldatasheet


Similar Part No. - PL18C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PL180Z STMICROELECTRONICS-PL180Z Datasheet
199Kb / 3P
   ZENDER DIODES DIODES ZENDER
logo
NTE Electronics
PL1816-NTE NTE-PL1816-NTE Datasheet
32Kb / 7P
   MATERIAL SAFETY DATA SHEET
PL1817-NTE NTE-PL1817-NTE Datasheet
32Kb / 7P
   MATERIAL SAFETY DATA SHEET
PL1823-NTE NTE-PL1823-NTE Datasheet
32Kb / 7P
   MATERIAL SAFETY DATA SHEET
logo
STMicroelectronics
PL18Z STMICROELECTRONICS-PL18Z Datasheet
199Kb / 3P
   ZENDER DIODES DIODES ZENDER
More results

Similar Description - PL18C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com