Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXAZ6115A6U Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPXAZ6115A6U
Description  Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXAZ6115A6U Datasheet(HTML) 2 Page - Motorola, Inc

  MPXAZ6115A6U Datasheet HTML 1Page - Motorola, Inc MPXAZ6115A6U Datasheet HTML 2Page - Motorola, Inc MPXAZ6115A6U Datasheet HTML 3Page - Motorola, Inc MPXAZ6115A6U Datasheet HTML 4Page - Motorola, Inc MPXAZ6115A6U Datasheet HTML 5Page - Motorola, Inc MPXAZ6115A6U Datasheet HTML 6Page - Motorola, Inc MPXAZ6115A6U Datasheet HTML 7Page - Motorola, Inc MPXAZ6115A6U Datasheet HTML 8Page - Motorola, Inc MPXAZ6115A6U Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPXAZ6115A MPXHZ6115A SERIES
MPXAZ6115A
Motorola Sensor Device Data
2
NOTES:
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
2. Maximum Output Current is controlled by effective impedance from Vout to Gnd or Vout to VS in the application circuit.
NOTES:
1. Device is radiometric within this specified excitation range.
2. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
3. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
4. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
5. Accuracy is the deviation in actual output from nominal output over the entire pressure range and temperature range as a percent of span at
25
°C due to all sources of error including the following:
Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
Temperature Hysteresis:
Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with zero differential
pressure applied.
Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and
from minimum or maximum rated pressure at 25
°C.
TcSpan:
Output deviation over the temperature range of 0
° to 85°C, relative to 25°C.
TcOffset:
Output deviation with minimum pressure applied, over the temperature range of 0
° to 85°C, relative
to 25
°C.
6.
Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
7. Warm-up Time is defined as the time required for the product to meet the specified output voltage after the pressure has been stabilized.
8. Offset Stability is the product's output deviation when subjected to 1000 cycles of Pulsed Pressure, Temperature Cycling with Bias Test.
MAXIMUM RATINGS(1)
Parametrics
Symbol
Value
Units
Maximum Pressure (P1 > P2)
Pmax
400
kPa
Storage Temperature
Tstg
-40
° to +125°
°C
Operating Temperature
TA
-40
° to +125°
°C
Output Source Current @ Full Scale Output(2)
Io+
0.5
mAdc
Output Sink Current @ Minimum Pressure Offset(2)
Io-
-0.5
mAdc
OPERATING CHARACTERISTICS (VS = 5.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
15
-
115
kPa
Supply Voltage(1)
VS
4.75
5.0
5.25
Vdc
Supply Current
Io
-
6.0
10
mAdc
Minimum Pressure Offset(2)
(0 to 85
°C)
@ VS = 5.0 Volts
Voff
0.133
0.200
0.268
Vdc
Full Scale Output(3)
(0 to 85
°C)
@ VS = 5.0 Volts
VFSO
4.633
4.700
4.768
Vdc
Full Scale Span(4)
(0 to 85
°C)
@ VS = 5.0 Volts
VFSS
4.433
4.500
4.568
Vdc
Accuracy(5)
(0 to 85
°C)
-
-
-
±1.5
%VFSS
Sensitivity
V/P
-
45.9
-
mV/kPa
Response Time(6)
tR
-
1.0
-
ms
Warm-Up Time(7)
-
-
20
-
ms
Offset Stability(8)
-
-
±0.25
-
%VFSS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPXAZ6115A6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXAZ6115A6U FREESCALE-MPXAZ6115A6U Datasheet
355Kb / 15P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXAZ6115A6U FREESCALE-MPXAZ6115A6U Datasheet
288Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXAZ6115A6U FREESCALE-MPXAZ6115A6U Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results

Similar Description - MPXAZ6115A6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXAZ6115A FREESCALE-MPXAZ6115A Datasheet
355Kb / 15P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6250A FREESCALE-MPXHZ6250A Datasheet
228Kb / 8P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6400A FREESCALE-MPXHZ6400A Datasheet
229Kb / 8P
   Media Resistant and High Temperature Accuracy Intergrated Silicon Pressure Sensor
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Motorola, Inc
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV5050V FREESCALE-MPXV5050V Datasheet
96Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com