Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC76SMBJ6.0 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC76SMBJ6.0
Description  Surface Mount Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76SMBJ6.0 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC76SMBJ6.0 Datasheet HTML 1Page - E-CMOS Corporation EC76SMBJ6.0 Datasheet HTML 2Page - E-CMOS Corporation EC76SMBJ6.0 Datasheet HTML 3Page - E-CMOS Corporation EC76SMBJ6.0 Datasheet HTML 4Page - E-CMOS Corporation EC76SMBJ6.0 Datasheet HTML 5Page - E-CMOS Corporation EC76SMBJ6.0 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EC76SMBJxx
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 600W
Stand-off Voltage 5.0 to 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 6
4L30N Rev.F001
Features
■ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
■ Low profile package with built-in strain relief for
surface mounted applications
■ Glass passivated junction
■ Low incremental surge resistance, excellent
clamping capability
■ 600W peak pulse power capability with a 10/1000us
waveform, repetition rate (duty cycle): 0.01%
■ High temperature soldering guaranteed:
■ 250℃ /10 seconds at terminals
Mechanical Date
■ Case: JEDEC DO-214AA(SMB J-Bend) molded plastic over passivated junction
■ Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
■ Polarity: For unidirectional types the band denotes the cathode, which is positive with respect to the anode under normal
TVS operation
■ Weight: 0.003oz., 0.093g
Absolute Maximum Ratings
(Ratings at 25℃ambient temperature unless otherwise specified.)
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 per Fig. 2.
2. Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
3. Mounted on minimum recommended pad layout
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000 us waveform
(1,2) (see Fig. 1)
PPPM
Minimum 600
W
Peak pulse current with a 10/1000 us waveform
(1)
IPPM
See Next Table
A
Peak forward surge current 8.3ms single half sine-wave uni-directional only
(2)
IFSM
100
A
Typical thermal resistance, junction to ambient
(4)
RθJA
100
℃/W
Typical thermal resistance, junction to lead
RθJL
20
℃/W
Operating junction and storage temperature range
TJ,TSTG
-55 to +150
EC76SMBJ5.0 thru 440


Similar Part No. - EC76SMBJ6.0

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC76SM712 E-CMOS-EC76SM712 Datasheet
123Kb / 3P
   ESD protection Diode
EC76SM712B1R E-CMOS-EC76SM712B1R Datasheet
123Kb / 3P
   ESD protection Diode
EC76SMAJ10 E-CMOS-EC76SMAJ10 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100 E-CMOS-EC76SMAJ100 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100A E-CMOS-EC76SMAJ100A Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results

Similar Description - EC76SMBJ6.0

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com