Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC732N60 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC732N60
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC732N60 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC732N60 Datasheet HTML 1Page - E-CMOS Corporation EC732N60 Datasheet HTML 2Page - E-CMOS Corporation EC732N60 Datasheet HTML 3Page - E-CMOS Corporation EC732N60 Datasheet HTML 4Page - E-CMOS Corporation EC732N60 Datasheet HTML 5Page - E-CMOS Corporation EC732N60 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EC732N60
N-Channel Power MOSFET
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 6
4G18N-Rev.F001
Features
◆ 600V, 2A, RDS(ON)(Max.) = 4.2 @VGS = 10V
◆ Low Crss
◆ Fast Switching
◆ 100 % Avalanche Tested
Applications
 Charger
 Standby Power.
ABSOLUTE MAXIMUM RATINGS (Tc = 25°C unless otherwise noted)
Symbol
Parameter
Limit
Unit
TO-220F
TO-251
TO-252
VDS
Drain
– Source Voltage a
600
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-Continuous, TC =25 ℃
2
A
Drain Current-Continuous, TC =100 ℃
1.2
A
IDM
Drain Current-Pulsed
b
8
A
PD
Maximum Power Dissipation @ TJ =25 ℃
23
34
W
EAS
Single Pulsed Avalanche Energy
C
115
mJ
TJ, TSTG
Operating and Store Temperature Range
-55 to 150
Thermal Characteristics
Symbol
Parameter
Value
Unit
Rθ JC
Thermal Resistance, Junction-Case Max.
5.56
3.7
℃ /W
Rθ JA
Thermal Resistance, Junction-Ambient Max.
120
110
℃ /W


Similar Part No. - EC732N60

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC732N7002K E-CMOS-EC732N7002K Datasheet
640Kb / 7P
   60V, 0.3A N-Channel MOSFET
EC732N7002KB E-CMOS-EC732N7002KB Datasheet
267Kb / 6P
   60V, 0.3A N-Channel MOSFET
EC732N7002KB1R E-CMOS-EC732N7002KB1R Datasheet
640Kb / 7P
   60V, 0.3A N-Channel MOSFET
EC732N7002KBB1R E-CMOS-EC732N7002KBB1R Datasheet
267Kb / 6P
   60V, 0.3A N-Channel MOSFET
EC732N7002KU E-CMOS-EC732N7002KU Datasheet
270Kb / 6P
   60V, 0.3A N-Channel MOSFET
More results

Similar Description - EC732N60

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com