Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXHZ6115AC6T1 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPXHZ6115AC6T1
Description  Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXHZ6115AC6T1 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPXHZ6115AC6T1 Datasheet HTML 4Page - Motorola, Inc MPXHZ6115AC6T1 Datasheet HTML 5Page - Motorola, Inc MPXHZ6115AC6T1 Datasheet HTML 6Page - Motorola, Inc MPXHZ6115AC6T1 Datasheet HTML 7Page - Motorola, Inc MPXHZ6115AC6T1 Datasheet HTML 8Page - Motorola, Inc MPXHZ6115AC6T1 Datasheet HTML 9Page - Motorola, Inc MPXHZ6115AC6T1 Datasheet HTML 10Page - Motorola, Inc MPXHZ6115AC6T1 Datasheet HTML 11Page - Motorola, Inc MPXHZ6115AC6T1 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MPXAZ6115A MPXHZ6115A SERIES
MPXAZ6115A
Motorola Sensor Device Data
8
SUPER SMALL OUTLINE PACKAGE DIMENSIONS
GAGE
PLANE
DETAIL E
0.048
0.010
.014
0.002
0.038
10˚
CASE 1317A-03
ISSUE A
0.025
0.050
0.025
A
M
0.004
B
C
A
0.006
B
C
8X
2X
0.014
0.018
0.325
0.345
0.325
0.345
0.400
0.420
5
Ø 0.130
C
0.004
DETAIL E
SEATING
PLANE
Ø 0.110
0.390
0.370
0.200
0.180
NOTES:
1. ALL DIMENSIONS ARE IN INCHES.
2. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M-1994.
3. DIMENSIONS DO NOT INCLUDE MOLD FLASH OR
PROTRUSIONS. MOLD FLASH OR PROTRUSIONS
SHALL NOT EXCEED .006 INCHES PER SIDE.
4. ALL VERTICAL SURFACES TO BE 55 MAXIMUM.
5. DIMENSION DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE .008 INCHES MAXIMUM.
A
B
0.280
0.300
0.280
0.300
3
BOTTOM VIEW
3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPXHZ6115AC6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXHZ6115AC6T1 FREESCALE-MPXHZ6115AC6T1 Datasheet
355Kb / 15P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6115AC6T1 FREESCALE-MPXHZ6115AC6T1 Datasheet
288Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6115AC6T1 FREESCALE-MPXHZ6115AC6T1 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
NXP Semiconductors
MPXHZ6115AC6T1 NXP-MPXHZ6115AC6T1 Datasheet
385Kb / 20P
   MPXxx6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 7.3, 04/2015
More results

Similar Description - MPXHZ6115AC6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXAZ6115A FREESCALE-MPXAZ6115A Datasheet
355Kb / 15P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6250A FREESCALE-MPXHZ6250A Datasheet
228Kb / 8P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6400A FREESCALE-MPXHZ6400A Datasheet
229Kb / 8P
   Media Resistant and High Temperature Accuracy Intergrated Silicon Pressure Sensor
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Motorola, Inc
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV5050V FREESCALE-MPXV5050V Datasheet
96Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com