Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC76SMAJ20A Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC76SMAJ20A
Description  Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76SMAJ20A Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC76SMAJ20A Datasheet HTML 1Page - E-CMOS Corporation EC76SMAJ20A Datasheet HTML 2Page - E-CMOS Corporation EC76SMAJ20A Datasheet HTML 3Page - E-CMOS Corporation EC76SMAJ20A Datasheet HTML 4Page - E-CMOS Corporation EC76SMAJ20A Datasheet HTML 5Page - E-CMOS Corporation EC76SMAJ20A Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EC76SMAJxx
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 400W
Stand-off Voltage 5.0 to 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 6
5A05N Rev.F001
Device
marking
code
Breakdown
voltage
V (BR) (Volts)
(1)
Device
type
UNI
BI
Min.
Max.
Test
current
at
IT (mA)
Stand-off
voltage
VWM
(Volts)
Maximum
reverse
leakage
at VWM
ID (uA)
(3)
Maximum
peak pulse
surge
current
IPPM (A)
(2)
Maximum
clamping
voltage
at IPPM
VC (Volts)
EC76SMAJ90A
RX
ZX
100
111
1.0
90
1.0
2.1
146
EC76SMAJ100
RY
ZY
111
136
1.0
100
1.0
1.7
179
EC76SMAJ100A
RZ
ZZ
111
123
1.0
100
1.0
1.9
162
EC76SMAJ110
SD
VD
122
149
1.0
110
1.0
1.5
196
EC76SMAJ110A
SE
VE
122
135
1.0
110
1.0
1.7
177
EC76SMAJ120
SF
VF
133
163
1.0
120
1.0
1.4
214
EC76SMAJ120A
SG
VG
133
147
1.0
120
1.0
1.6
193
EC76SMAJ130
SH
VH
144
176
1.0
130
1.0
1.3
231
EC76SMAJ130A
SK
VK
144
159
1.0
130
1.0
1.4
209
EC76SMAJ150
SL
VL
167
204
1.0
150
1.0
1.1
268
EC76SMAJ150A
SM
VM
167
185
1.0
150
1.0
1.2
243
EC76SMAJ160
SN
VN
178
218
1.0
160
1.0
1.0
287
EC76SMAJ160A
SP
VP
178
197
1.0
160
1.0
1.2
259
EC76SMAJ170
SQ
VQ
189
231
1.0
170
1.0
0.99
304
EC76SMAJ170A
SR
VR
189
209
1.0
170
1.0
1.09
275
EC76SMAJ180A
ST
VT
201
222
1.0
180
1.0
1.4
292
EC76SMAJ200A
SV
VV
224
247
1.0
200
1.0
1.2
324
EC76SMAJ220A
SX
VX
246
272
1.0
220
1.0
1.1
356
EC76SMAJ250A
SZ
VZ
279
309
1.0
250
1.0
1.0
405
EC76SMAJ300A
TE
UE
335
371
1.0
300
1.0
0.8
486
EC76SMAJ350A
TG
UG
391
432
1.0
350
1.0
0.7
567
EC76SMAJ400A
TK
UK
447
494
1.0
400
1.0
0.6
648
EC76SMAJ440A
TM
UM
492
543
1.0
440
1.0
0.6
713
Notes: 1. V(BR) measured after IT applied for 300us square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bi-directional types having VWM of 10 Volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For parts without A, the VBR is +10%


Similar Part No. - EC76SMAJ20A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC76SM712 E-CMOS-EC76SM712 Datasheet
123Kb / 3P
   ESD protection Diode
EC76SM712B1R E-CMOS-EC76SM712B1R Datasheet
123Kb / 3P
   ESD protection Diode
EC76SMBJ10 E-CMOS-EC76SMBJ10 Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
EC76SMBJ100 E-CMOS-EC76SMBJ100 Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
EC76SMBJ100A E-CMOS-EC76SMBJ100A Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - EC76SMAJ20A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMBJ5.0 GOOD-ARK-SMBJ5.0_15 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com