Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC76SMAJ26A Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC76SMAJ26A
Description  Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76SMAJ26A Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC76SMAJ26A Datasheet HTML 1Page - E-CMOS Corporation EC76SMAJ26A Datasheet HTML 2Page - E-CMOS Corporation EC76SMAJ26A Datasheet HTML 3Page - E-CMOS Corporation EC76SMAJ26A Datasheet HTML 4Page - E-CMOS Corporation EC76SMAJ26A Datasheet HTML 5Page - E-CMOS Corporation EC76SMAJ26A Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC76SMAJxx
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 400W
Stand-off Voltage 5.0 to 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
5A05N Rev.F001
Notes: 1. V(BR) measured after IT applied for 300us square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bi-directional types having VWM of 10 Volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For the bi-directional EC76SMAJ5.0CA, the maximum V(BR) is 7.25V.
Device
marking
code
Breakdown
voltage
V (BR) (Volts)
(1)
Device
type
UNI
BI
Min.
Max.
Test
current
at
IT (mA)
Stand-off
voltage
VWM
(Volts)
Maximum
reverse
leakage
at VWM
ID (uA)
(3)
Maximum
peak pulse
surge
current
IPPM (A)
(2)
Maximum
clamping
voltage
at IPPM
VC (Volts)
EC76SMAJ33
CL
YL
36.7
44.9
1.0
33
1.0
6.8
59.0
EC76SMAJ33A
CM
YM
36.7
40.6
1.0
33
1.0
7.5
53.3
EC76SMAJ36
CN
YN
40.0
48.9
1.0
36
1.0
6.2
64.3
EC76SMAJ36A
CP
YP
40.0
44.2
1.0
36
1.0
6.9
58.1
EC76SMAJ40
CQ
YQ
44.4
54.3
1.0
40
1.0
5.6
71.4
EC76SMAJ40A
CR
YR
44.4
49.1
1.0
40
1.0
6.2
64.5
EC76SMAJ43
CS
YS
47.8
58.4
1.0
43
1.0
5.2
76.7
EC76SMAJ43A
CT
YT
47.8
52.8
1.0
43
1.0
5.8
69.4
EC76SMAJ45
CU
YU
50.0
61.1
1.0
45
1.0
5.0
80.3
EC76SMAJ45A
CV
YV
50.0
55.3
1.0
45
1.0
5.5
72.7
EC76SMAJ48
CW
YW
53.3
65.1
1.0
48
1.0
4.7
85.5
EC76SMAJ48A
CX
YX
53.3
58.9
1.0
48
1.0
5.2
77.4
EC76SMAJ51
CY
YY
56.7
69.3
1.0
51
1.0
4.4
91.1
EC76SMAJ51A
CZ
YZ
56.7
62.7
1.0
51
1.0
4.9
82.4
EC76SMAJ54
RD
ZD
60.0
73.3
1.0
54
1.0
4.2
96.3
EC76SMAJ54A
RE
ZE
60.0
66.3
1.0
54
1.0
4.6
87.1
EC76SMAJ58
RF
ZF
64.4
78.7
1.0
58
1.0
3.9
103
EC76SMAJ58A
RG
ZG
64.4
71.2
1.0
58
1.0
4.3
93.6
EC76SMAJ60
RH
ZH
66.7
81.5
1.0
60
1.0
3.7
107
EC76SMAJ60A
RK
ZK
66.7
73.7
1.0
60
1.0
4.1
96.8
EC76SMAJ64
RL
ZL
71.1
86.9
1.0
64
1.0
3.5
114
EC76SMAJ64A
RM
ZM
71.1
78.6
1.0
64
1.0
3.9
103
EC76SMAJ70
RN
ZN
77.8
95.1
1.0
70
1.0
3.2
125
EC76SMAJ70A
RP
ZP
77.8
86.0
1.0
70
1.0
3.5
113
EC76SMAJ75
RQ
ZQ
83.3
102
1.0
75
1.0
3.0
134
EC76SMAJ75A
RR
ZR
83.3
92.1
1.0
75
1.0
3.3
121
EC76SMAJ78
RS
ZS
86.7
106
1.0
78
1.0
2.9
139
EC76SMAJ78A
RT
ZT
86.7
95.8
1.0
78
1.0
3.2
126
EC76SMAJ85
RU
ZU
94.4
115
1.0
85
1.0
2.0
151
EC76SMAJ85A
RV
ZV
94.4
104
1.0
85
1.0
2.2
137
EC76SMAJ90
RW
ZW
100
122
1.0
90
1.0
1.9
160


Similar Part No. - EC76SMAJ26A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC76SM712 E-CMOS-EC76SM712 Datasheet
123Kb / 3P
   ESD protection Diode
EC76SM712B1R E-CMOS-EC76SM712B1R Datasheet
123Kb / 3P
   ESD protection Diode
EC76SMBJ10 E-CMOS-EC76SMBJ10 Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
EC76SMBJ100 E-CMOS-EC76SMBJ100 Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
EC76SMBJ100A E-CMOS-EC76SMBJ100A Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - EC76SMAJ26A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMBJ5.0 GOOD-ARK-SMBJ5.0_15 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com