Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC76SMAJ33A Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC76SMAJ33A
Description  Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76SMAJ33A Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC76SMAJ33A Datasheet HTML 1Page - E-CMOS Corporation EC76SMAJ33A Datasheet HTML 2Page - E-CMOS Corporation EC76SMAJ33A Datasheet HTML 3Page - E-CMOS Corporation EC76SMAJ33A Datasheet HTML 4Page - E-CMOS Corporation EC76SMAJ33A Datasheet HTML 5Page - E-CMOS Corporation EC76SMAJ33A Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC76SMAJxx
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 400W
Stand-off Voltage 5.0 to 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
5A05N Rev.F001
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=25A (uni-directional only)
Device
marking
code
Breakdown
voltage
V (BR) (Volts)
(1)
Device
type
UNI
BI
Min.
Max.
Test
current
at
IT (mA)
Stand-off
voltage
VWM
(Volts)
Maximum
reverse
leakage
at VWM
ID (uA)
(3)
Maximum
peak pulse
surge
current
IPPM (A)
(2)
Maximum
clamping
voltage
at IPPM
VC (Volts)
EC76SMAJ5.0
AD
WD
6.40
7.82
10
5.0
800
41.7
9.6
EC76SMAJ5.0A
(5)
AE
WE
6.40
7.07
10
5.0
800
43.5
9.2
EC76SMAJ6.0
AF
WF
6.67
8.15
10
6.0
800
35.1
11.4
EC76SMAJ6.0A
AG
WG
6.67
7.37
10
6.0
800
38.8
10.3
EC76SMAJ6.5
AH
WH
7.22
8.82
10
6.5
500
32.5
12.3
EC76SMAJ6.5A
AK
WK
7.22
7.98
10
6.5
500
35.7
11.2
EC76SMAJ7.0
AL
WL
7.78
9.51
10
7.0
200
30.1
13.3
EC76SMAJ7.0A
AM
WM
7.78
8.60
10
7.0
200
33.3
12.0
EC76SMAJ7.5
AN
WN
8.33
10.2
1.0
7.5
100
28.0
14.3
EC76SMAJ7.5A
AP
WP
8.33
9.21
1.0
7.5
100
31.0
12.9
EC76SMAJ8.0
AQ
WQ
8.89
10.9
1.0
8.0
50
26.7
15.0
EC76SMAJ8.0A
AR
WR
8.89
9.83
1.0
8.0
50
29.4
13.6
EC76SMAJ8.5
AS
WS
9.44
11.5
1.0
8.5
10
25.2
15.9
EC76SMAJ8.5A
AT
WT
9.44
10.4
1.0
8.5
10
27.8
14.4
EC76SMAJ9.0
AU
WU
10.0
12.2
1.0
9.0
5.0
23.7
16.9
EC76SMAJ9.0A
AV
WV
10.0
11.1
1.0
9.0
5.0
26.0
15.4
EC76SMAJ10
AW
WW
11.1
13.6
1.0
10
1.0
21.3
18.8
EC76SMAJ10A
AX
WX
11.1
12.3
1.0
10
1.0
23.5
17.0
EC76SMAJ11
AY
WY
12.2
14.9
1.0
11
1.0
19.9
20.1
EC76SMAJ11A
AZ
WZ
12.2
13.5
1.0
11
1.0
22.0
18.2
EC76SMAJ12
BD
XD
13.3
16.3
1.0
12
1.0
18.2
22.0
EC76SMAJ12A
BE
XE
13.3
14.7
1.0
12
1.0
20.1
19.9
EC76SMAJ13
BF
XF
14.4
17.6
1.0
13
1.0
16.8
23.8
EC76SMAJ13A
BG
XG
14.4
15.9
1.0
13
1.0
18.6
21.5
EC76SMAJ14
BH
XH
15.6
19.1
1.0
14
1.0
15.5
25.8
EC76SMAJ14A
BK
XK
15.6
17.2
1.0
14
1.0
17.2
23.2
EC76SMAJ15
BL
XL
16.7
20.4
1.0
15
1.0
14.9
26.9
EC76SMAJ15A
BM
XM
16.7
18.5
1.0
15
1.0
16.4
24.4
EC76SMAJ16
BN
XN
17.8
21.8
1.0
16
1.0
13.9
28.8
EC76SMAJ16A
BP
XP
17.8
19.7
1.0
16
1.0
15.4
26.0
EC76SMAJ17
BQ
XQ
18.9
23.1
1.0
17
1.0
13.1
30.5
EC76SMAJ17A
BR
XR
18.9
20.9
1.0
17
1.0
14.5
27.6
EC76SMAJ18
BS
XS
20.0
24.4
1.0
18
1.0
12.4
32.2
EC76SMAJ18A
BT
XT
20.0
22.1
1.0
18
1.0
13.7
29.2
EC76SMAJ20
BU
XU
22.2
27.1
1.0
20
1.0
11.2
35.8
EC76SMAJ20A
BV
XV
22.2
24.5
1.0
20
1.0
12.3
32.4
EC76SMAJ22
BW
XW
24.4
29.8
1.0
22
1.0
10.2
39.4
EC76SMAJ22A
BX
XX
24.4
26.9
1.0
22
1.0
11.3
35.5
EC76SMAJ24
BY
XY
26.7
32.6
1.0
24
1.0
9.3
43.0
EC76SMAJ24A
BZ
XZ
26.7
29.5
1.0
24
1.0
10.3
38.9
EC76SMAJ26
CD
YD
28.9
35.3
1.0
26
1.0
8.6
46.6
EC76SMAJ26A
CE
YE
28.9
31.9
1.0
26
1.0
9.5
42.1
EC76SMAJ28
CF
YF
31.1
38.0
1.0
28
1.0
8.0
50.0
EC76SMAJ28A
CG
YG
31.1
34.4
1.0
28
1.0
8.8
45.4
EC76SMAJ30
CH
YH
33.3
40.7
1.0
30
1.0
7.5
53.5
EC76SMAJ30A
CK
YK
33.3
36.8
1.0
30
1.0
8.3
48.4


Similar Part No. - EC76SMAJ33A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC76SM712 E-CMOS-EC76SM712 Datasheet
123Kb / 3P
   ESD protection Diode
EC76SM712B1R E-CMOS-EC76SM712B1R Datasheet
123Kb / 3P
   ESD protection Diode
EC76SMBJ10 E-CMOS-EC76SMBJ10 Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
EC76SMBJ100 E-CMOS-EC76SMBJ100 Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
EC76SMBJ100A E-CMOS-EC76SMBJ100A Datasheet
256Kb / 6P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - EC76SMAJ33A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMBJ5.0 GOOD-ARK-SMBJ5.0_15 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com