Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC76P4KE100 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC76P4KE100
Description  Peak Pulse 400W Stand-off Voltage 6.8 to 550V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76P4KE100 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC76P4KE100 Datasheet HTML 1Page - E-CMOS Corporation EC76P4KE100 Datasheet HTML 2Page - E-CMOS Corporation EC76P4KE100 Datasheet HTML 3Page - E-CMOS Corporation EC76P4KE100 Datasheet HTML 4Page - E-CMOS Corporation EC76P4KE100 Datasheet HTML 5Page - E-CMOS Corporation EC76P4KE100 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC76P4KEXXX
Peak Pulse 400W
Stand-off Voltage 6.8 to 550V
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
5A19N Rev.F001
Breakdown
voltage
V (BR) (Volts)
(1)
Device type
Min.
Max.
Test
current
at
IT (mA)
Stand-off
voltage
VWM
(Volts)
Maximum
reverse
leakage
at VWM
ID
(3) (uA)
Maximum
peak
pulse
current
IPPM
(2) (A)
Maximum
clamping
voltage
at IPPM
VC (Volts)
Maximum
temperature
coefficient
of VBR
(% /℃)
EC76P4KE51
45.9
56.1
1.0
41.3
1.0
5.4
73.5
0.102
EC76P4KE51A
48.5
53.6
1.0
43.6
1.0
5.7
70.1
0.102
EC76P4KE56
50.4
61.6
1.0
45.4
1.0
5.0
80.5
0.103
EC76P4KE56A
53.2
58.8
1.0
47.8
1.0
5.2
77.0
0.103
EC76P4KE62
55.8
68.2
1.0
50.2
1.0
4.5
89.0
0.104
EC76P4KE62A
58.9
65.1
1.0
53.0
1.0
4.7
85.0
0.104
EC76P4KE68
61.2
74.8
1.0
55.1
1.0
4.1
98.0
0.104
EC76P4KE68A
64.6
71.4
1.0
58.1
1.0
4.3
92.0
0.104
EC76P4KE75
67.5
82.5
1.0
60.7
1.0
3.7
108
0.105
EC76P4KE75A
71.3
78.8
1.0
64.1
1.0
3.9
103
0.105
EC76P4KE82
73.8
90.2
1.0
66.4
1.0
3.4
118
0.105
EC76P4KE82A
77.9
86.1
1.0
70.1
1.0
3.5
113
0.105
EC76P4KE91
81.9
100
1.0
73.7
1.0
3.1
131
0.106
EC76P4KE91A
86.5
95.5
1.0
77.8
1.0
3.2
125
0.106
EC76P4KE100
90.0
110
1.0
81.0
1.0
2.8
144
0.106
EC76P4KE100A
95.0
105
1.0
85.5
1.0
2.9
137
0.106
EC76P4KE110
99.0
121
1.0
89.2
1.0
2.5
158
0.107
EC76P4KE110A
105
116
1.0
94.0
1.0
2.6
152
0.107
EC76P4KE120
108
132
1.0
97.2
1.0
2.3
173
0.107
EC76P4KE120A
114
126
1.0
102
1.0
2.4
165
0.107
EC76P4KE130
117
143
1.0
105
1.0
2.1
187
0.107
EC76P4KE130A
124
137
1.0
111
1.0
2.2
179
0.107
EC76P4KE150
135
165
1.0
121
1.0
1.9
215
0.108
EC76P4KE150A
143
158
1.0
128
1.0
1.9
207
0.108
EC76P4KE160
144
176
1.0
130
1.0
1.7
230
0.108
EC76P4KE160A
152
168
1.0
136
1.0
1.8
219
0.108
EC76P4KE170
153
187
1.0
138
1.0
1.6
244
0.108
EC76P4KE170A
162
179
1.0
145
1.0
1.7
234
0.108
EC76P4KE180
162
198
1.0
146
1.0
1.6
258
0.108
EC76P4KE180A
171
189
1.0
154
1.0
1.6
246
0.108
EC76P4KE200
180
220
1.0
162
1.0
1.4
287
0.108
EC76P4KE200A
190
210
1.0
171
1.0
1.5
274
0.108
EC76P4KE220
198
242
1.0
175
1.0
1.2
344
0.108
EC76P4KE220A
209
231
1.0
185
1.0
1.2
328
0.108
EC76P4KE250
225
275
1.0
202
1.0
1.1
360
0.110
EC76P4KE250A
237
263
1.0
214
1.0
1.2
344
0.110
EC76P4KE300
270
330
1.0
243
1.0
0.93
430
0.110
EC76P4KE300A
285
315
1.0
256
1.0
1.0
414
0.110
EC76P4KE350
315
385
1.0
284
1.0
0.79
504
0.110
EC76P4KE350A
333
368
1.0
300
1.0
0.83
482
0.110
EC76P4KE400
360
440
1.0
324
1.0
0.70
574
0.110
EC76P4KE400A
380
420
1.0
342
1.0
0.73
548
0.110


Similar Part No. - EC76P4KE100

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC762060U E-CMOS-EC762060U Datasheet
178Kb / 3P
   Silicon Epitaxial Planar Switching Diode
EC762060UB6R E-CMOS-EC762060UB6R Datasheet
178Kb / 3P
   Silicon Epitaxial Planar Switching Diode
EC76DSS210 E-CMOS-EC76DSS210 Datasheet
170Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
EC76DSS22 E-CMOS-EC76DSS22 Datasheet
170Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
EC76DSS23 E-CMOS-EC76DSS23 Datasheet
170Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
More results

Similar Description - EC76P4KE100

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com