Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC76SMCJ48 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC76SMCJ48
Description  Surface Mount Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76SMCJ48 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC76SMCJ48 Datasheet HTML 1Page - E-CMOS Corporation EC76SMCJ48 Datasheet HTML 2Page - E-CMOS Corporation EC76SMCJ48 Datasheet HTML 3Page - E-CMOS Corporation EC76SMCJ48 Datasheet HTML 4Page - E-CMOS Corporation EC76SMCJ48 Datasheet HTML 5Page - E-CMOS Corporation EC76SMCJ48 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC76SMCJxx
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 1500W
Stand-off Voltage 5.0 to 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
5EC04N Rev.F001
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=100A (uni-directional only)
Device
type
Device
marking
code
Breakdown
voltage
V (BR) (Volts)
(1)
Test
current
at
IT (mA)
Stand-off
voltage
VWM
(Volts)
Maximum
reverse
leakage
at VWM
ID (uA)
(3)
Maximum
peak pulse
surge
current
IPPM (A)
(2)
Maximum
clamping
voltage
at IPPM
VC (Volts)
UNI
BI
Min.
Max.
EC76SMCJ5.0
GDD
BDD
6.40
7.82
10
5.0
1000
156.3
9.6
EC76SMCJ5.0A
GDE
BDE
6.40
7.07
10
5.0
1000
163.0
9.2
EC76SMCJ6.0
GDF
BDF
6.67
8.15
10
6.0
1000
131.6
11.4
EC76SMCJ6.0A
GDG
BDG
6.67
7.37
10
6.0
1000
145.6
10.3
EC76SMCJ6.5
GDH
BDH
7.22
8.82
10
6.5
500
122.0
12.3
EC76SMCJ6.5A
GDK
BDK
7.22
7.98
10
6.5
500
133.9
11.2
EC76SMCJ7.0
GDL
BDL
7.78
9.51
10
7.0
200
112.8
13.3
EC76SMCJ7.0A
GDL
BDM
7.78
8.60
10
7.0
200
125.0
12.0
EC76SMCJ7.5
GDN
BDN
8.33
10.2
1.0
7.5
100
104.9
14.3
EC76SMCJ7.5A
GDP
BDP
8.33
9.21
1.0
7.5
100
116.3
12.9
EC76SMCJ8.0
GDQ
BDQ
8.89
10.9
1.0
8.0
50
100.0
15.0
EC76SMCJ8.0A
GDR
BDR
8.89
9.83
1.0
8.0
50
110.3
13.6
EC76SMCJ8.5
GDS
BDS
9.44
11.5
1.0
8.5
20
94.3
15.9
EC76SMCJ8.5A
GDT
BDT
9.44
10.4
1.0
8.5
20
104.2
14.4
EC76SMCJ9.0
GDU
BDU
10.0
12.2
1.0
9.0
10.0
88.8
16.9
EC76SMCJ9.0A
GDV
BDV
10.0
11.1
1.0
9.0
10.0
97.4
15.4
EC76SMCJ10
GDW
BDW
11.1
13.6
1.0
10
5.0
79.8
18.8
EC76SMCJ10A
GDX
BDX
11.1
12.3
1.0
10
5.0
88.2
17.0
EC76SMCJ11
GDY
BDY
12.2
14.9
1.0
11
5.0
74.6
20.1
EC76SMCJ11A
GDZ
BDZ
12.2
13.5
1.0
11
5.0
82.4
18.2
EC76SMCJ12
GED
BED
13.3
16.3
1.0
12
5.0
68.2
22.0
EC76SMCJ12A
GEE
BEE
13.3
14.7
1.0
12
5.0
75.4
19.9
EC76SMCJ13
GEF
BEF
14.4
17.6
1.0
13
1.0
63.0
23.8
EC76SMCJ13A
GEG
BEG
14.4
15.9
1.0
13
1.0
69.8
21.5
EC76SMCJ14
GEH
BEH
15.6
19.1
1.0
14
1.0
58.1
25.8
EC76SMCJ14A
GEK
BEK
15.6
17.2
1.0
14
1.0
64.7
23.2
EC76SMCJ15
GEL
BEL
16.7
20.4
1.0
15
1.0
55.8
26.9
EC76SMCJ15A
GEM
BEM
16.7
18.5
1.0
15
1.0
61.5
24.4
EC76SMCJ16
GEN
BEN
17.8
21.8
1.0
16
1.0
52.1
28.8
EC76SMCJ16A
GEP
BEP
17.8
19.7
1.0
16
1.0
57.7
26.0
EC76SMCJ17
GEQ
BEQ
18.9
23.1
1.0
17
1.0
49.2
30.5
EC76SMCJ17A
GER
BER
18.9
20.9
1.0
17
1.0
54.3
27.6
EC76SMCJ18
GES
BES
20.0
24.4
1.0
18
1.0
46.6
32.2
EC76SMCJ18A
GET
BET
20.0
22.1
1.0
18
1.0
51.4
29.2
EC76SMCJ20
GEU
BEU
22.2
27.1
1.0
20
1.0
41.9
35.8
EC76SMCJ20A
GEV
BEV
22.2
24.5
1.0
20
1.0
46.3
32.4
EC76SMCJ22
GEW
BEW
24.4
29.8
1.0
22
1.0
38.1
39.4
EC76SMCJ22A
GEX
BEX
24.4
26.9
1.0
22
1.0
42.3
35.5
EC76SMCJ24
GEY
BEY
26.7
32.6
1.0
24
1.0
34.9
43.0
EC76SMCJ24A
GEZ
BEZ
26.7
29.5
1.0
24
1.0
38.6
38.9
EC76SMCJ26
GFD
BFD
28.9
35.3
1.0
26
1.0
32.2
46.6
EC76SMCJ26A
GFE
BFE
28.9
31.9
1.0
26
1.0
35.6
42.1


Similar Part No. - EC76SMCJ48

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC76SM712 E-CMOS-EC76SM712 Datasheet
123Kb / 3P
   ESD protection Diode
EC76SM712B1R E-CMOS-EC76SM712B1R Datasheet
123Kb / 3P
   ESD protection Diode
EC76SMAJ10 E-CMOS-EC76SMAJ10 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100 E-CMOS-EC76SMAJ100 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100A E-CMOS-EC76SMAJ100A Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results

Similar Description - EC76SMCJ48

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com