Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC76P4KE120 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC76P4KE120
Description  Peak Pulse 400W Stand-off Voltage 6.8 to 550V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76P4KE120 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC76P4KE120 Datasheet HTML 1Page - E-CMOS Corporation EC76P4KE120 Datasheet HTML 2Page - E-CMOS Corporation EC76P4KE120 Datasheet HTML 3Page - E-CMOS Corporation EC76P4KE120 Datasheet HTML 4Page - E-CMOS Corporation EC76P4KE120 Datasheet HTML 5Page - E-CMOS Corporation EC76P4KE120 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC76P4KEXXX
Peak Pulse 400W
Stand-off Voltage 6.8 to 550V
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
5A19N Rev.F001
Electrical Characteristics
Breakdown
voltage
V (BR) (Volts)
(1)
Device type
Min.
Max.
Test
current
at
IT (mA)
Stand-off
voltage
VWM
(Volts)
Maximum
reverse
leakage
at VWM
ID
(3) (uA)
Maximum
peak
pulse
current
IPPM
(2) (A)
Maximum
clamping
voltage
at IPPM
VC (Volts)
Maximum
temperature
coefficient
of VBR
(% /℃)
EC76P4KE6.8
6.12
7.48
10
5.50
1000
37.0
10.8
0.057
EC76P4KE6.8A
6.45
7.14
10
5.80
1000
38.1
10.5
0.057
EC76P4KE7.5
6.75
8.25
10
6.05
500
34.2
11.7
0.062
EC76P4KE7.5A
7.13
7.88
10
6.40
500
35.4
11.3
0.061
EC76P4KE8.2
7.38
9.02
10
6.63
200
32.0
12.5
0.065
EC76P4KE8.2A
7.79
8.61
10
7.02
200
33.1
12.1
0.065
EC76P4KE9.1
8.19
10.0
1.0
7.37
50
29.0
13.8
0.068
EC76P4KE9.1A
8.65
9.55
1.0
7.78
50
29.9
13.4
0.068
EC76P4KE10
9.00
11.0
1.0
8.10
10
26.7
15.0
0.073
EC76P4KE10A
9.50
10.5
1.0
8.55
10
27.6
14.5
0,073
EC76P4KE11
9.90
12.1
1.0
8.92
5.0
24.7
16.2
0.075
EC76P4KE11A
10.5
11.6
1.0
9.40
5.0
25.6
15.6
0.075
EC76P4KE12
10.8
13.2
1.0
9.72
1.0
23.1
17.3
0.076
EC76P4KE12A
11.4
12.6
1.0
10.2
1.0
24.0
16.7
0.078
EC76P4KE13
11.7
14.3
1.0
10.5
1.0
21.1
19.0
0.081
EC76P4KE13A
12.4
13.7
1.0
11.1
1.0
22.0
18.2
0.081
EC76P4KE15
13.5
16.5
1.0
12.1
1.0
18.2
22.0
0.084
EC76P4KE15A
14.3
15.8
1.0
12.8
1.0
18.9
21.2
0.084
EC76P4KE16
14.4
17.6
1.0
12.9
1.0
17.0
23.5
0.086
EC76P4KE16A
15.2
16.8
1.0
13.6
1.0
17.8
22.5
0.086
EC76P4KE18
16.2
19.8
1.0
14.5
1.0
15.1
26.5
0.088
EC76P4KE18A
17.1
18.9
1.0
15.3
1.0
15.9
25.2
0.088
EC76P4KE20
18.0
22.0
1.0
16.2
1.0
13.7
29.1
0.090
EC76P4KE20A
19.0
21.0
1.0
17.1
1.0
14.4
27.7
0.090
EC76P4KE22
19.8
24.2
1.0
17.8
1.0
12.5
31.9
0.092
EC76P4KE22A
20.9
23.1
1.0
18.8
1.0
13.1
30.6
0.092
EC76P4KE24
21.6
26.4
1.0
19.4
1.0
11.5
34.7
0.094
EC76P4KE24A
22.8
25.2
1.0
20.5
1.0
12.0
33.2
0.094
EC76P4KE27
24.3
29.7
1.0
21.8
1.0
10.2
39.1
0.096
EC76P4KE27A
25.7
28.4
1.0
23.1
1.0
10.7
37.5
0.096
EC76P4KE30
27.0
33.0
1.0
24.3
1.0
9.2
43.5
0.097
EC76P4KE30A
28.5
31.5
1.0
25.6
1.0
9.7
41.4
0.097
EC76P4KE33
29.7
36.3
1.0
26.8
1.0
8.4
47.7
0.098
EC76P4KE33A
31.4
34.7
1.0
28.2
1.0
8.8
45.7
0.098
EC76P4KE36
32.4
39.6
1.0
29.1
1.0
7.7
52.0
0.099
EC76P4KE36A
34.2
37.8
1.0
30.8
1.0
8.0
49.9
0.099
EC76P4KE39
35.1
42.9
1.0
31.6
1.0
7.1
56.4
0.100
EC76P4KE39A
37.1
41.0
1.0
33.3
1.0
7.4
53.9
0.100
EC76P4KE43
38.7
47.3
1.0
34.8
1.0
6.5
61.9
0.101
EC76P4KE43A
40.9
45.2
1.0
36.8
1.0
6.7
59.3
0.101
EC76P4KE47
42.3
51.7
1.0
38.1
1.0
5.9
67.8
0.101
EC76P4KE47A
44.7
49.4
1.0
40.2
1.0
6.2
64.8
0.101


Similar Part No. - EC76P4KE120

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC762060U E-CMOS-EC762060U Datasheet
178Kb / 3P
   Silicon Epitaxial Planar Switching Diode
EC762060UB6R E-CMOS-EC762060UB6R Datasheet
178Kb / 3P
   Silicon Epitaxial Planar Switching Diode
EC76DSS210 E-CMOS-EC76DSS210 Datasheet
170Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
EC76DSS22 E-CMOS-EC76DSS22 Datasheet
170Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
EC76DSS23 E-CMOS-EC76DSS23 Datasheet
170Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
More results

Similar Description - EC76P4KE120

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com