Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC76SMBJ48A Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC76SMBJ48A
Description  Surface Mount Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76SMBJ48A Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC76SMBJ48A Datasheet HTML 1Page - E-CMOS Corporation EC76SMBJ48A Datasheet HTML 2Page - E-CMOS Corporation EC76SMBJ48A Datasheet HTML 3Page - E-CMOS Corporation EC76SMBJ48A Datasheet HTML 4Page - E-CMOS Corporation EC76SMBJ48A Datasheet HTML 5Page - E-CMOS Corporation EC76SMBJ48A Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EC76SMBJxx
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 600W
Stand-off Voltage 5.0 to 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 6
4L30N Rev.F001
Device
marking
code
Breakdown
voltage
V (BR) (Volts)
(1)
Device
type
UNI
BI
Min.
Max.
Test
current
at
IT (mA)
Stand-off
voltage
VWM
(Volts)
Maximum
reverse
leakage
at VWM
ID (uA)
(3)
Maximum
peak pulse
surge
current
IPPM (A)
(2)
Maximum
clamping
voltage
at IPPM
VC (Volts)
EC76SMBJ170
PQ
FQ
189
231
1.0
170
1.0
2.0
304
EC76SMBJ170A
PR
FR
189
209
1.0
170
1.0
2.2
275
EC76SMBJ180A
PT
FT
201
222
1.0
180
1.0
2.1
292
EC76SMBJ200A
PV
FV
224
247
1.0
200
1.0
1.9
324
EC76SMBJ220A
PX
FX
246
272
1.0
220
1.0
1.7
356
EC76SMBJ250A
PZ
FZ
279
309
1.0
250
1.0
1.5
405
EC76SMBJ300A
QE
GE
335
371
1.0
300
1.0
1.3
486
EC76SMBJ350A
QG
GG
391
432
1.0
350
1.0
1.1
567
EC76SMBJ400A
QK
GK
447
494
1.0
400
1.0
0.9
648
EC76SMBJ440A
QM
GM
492
543
1.0
440
1.0
0.9
713
Notes: 1. V(BR) measured after IT applied for 300us square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bi-directional types having VWM of 10 Volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For parts without A, the VBR is +10%


Similar Part No. - EC76SMBJ48A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC76SM712 E-CMOS-EC76SM712 Datasheet
123Kb / 3P
   ESD protection Diode
EC76SM712B1R E-CMOS-EC76SM712B1R Datasheet
123Kb / 3P
   ESD protection Diode
EC76SMAJ10 E-CMOS-EC76SMAJ10 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100 E-CMOS-EC76SMAJ100 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100A E-CMOS-EC76SMAJ100A Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results

Similar Description - EC76SMBJ48A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com