Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC76SMCJ51 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC76SMCJ51
Description  Surface Mount Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76SMCJ51 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC76SMCJ51 Datasheet HTML 1Page - E-CMOS Corporation EC76SMCJ51 Datasheet HTML 2Page - E-CMOS Corporation EC76SMCJ51 Datasheet HTML 3Page - E-CMOS Corporation EC76SMCJ51 Datasheet HTML 4Page - E-CMOS Corporation EC76SMCJ51 Datasheet HTML 5Page - E-CMOS Corporation EC76SMCJ51 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EC76SMCJxx
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 1500W
Stand-off Voltage 5.0 to 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 6
5EC04N Rev.F001
Typical Performance Curves
Fig.1 Peak Pulse Power Rating Curve
Fig.2 Pulse Derating Curve
Fig.3 Pulse Waveform
Fig.4 Typical Junction Capacitance Uni-Directional
Fig.5 Typical Transient Thermal Impedance
Fig.6 Maximum Non-Repetitive Forward Surge
Current Uni-Directional Use Only


Similar Part No. - EC76SMCJ51

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC76SM712 E-CMOS-EC76SM712 Datasheet
123Kb / 3P
   ESD protection Diode
EC76SM712B1R E-CMOS-EC76SM712B1R Datasheet
123Kb / 3P
   ESD protection Diode
EC76SMAJ10 E-CMOS-EC76SMAJ10 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100 E-CMOS-EC76SMAJ100 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100A E-CMOS-EC76SMAJ100A Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results

Similar Description - EC76SMCJ51

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com