Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC76SMCJ58 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC76SMCJ58
Description  Surface Mount Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC76SMCJ58 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC76SMCJ58 Datasheet HTML 1Page - E-CMOS Corporation EC76SMCJ58 Datasheet HTML 2Page - E-CMOS Corporation EC76SMCJ58 Datasheet HTML 3Page - E-CMOS Corporation EC76SMCJ58 Datasheet HTML 4Page - E-CMOS Corporation EC76SMCJ58 Datasheet HTML 5Page - E-CMOS Corporation EC76SMCJ58 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC76SMCJxx
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 1500W
Stand-off Voltage 5.0 to 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
5EC04N Rev.F001
Device
type
Device
marking
code
Breakdown
voltage
V (BR) (Volts)
(1)
Test
current
at
IT (mA)
Stand-off
voltage
VWM
(Volts)
Maximum
reverse
leakage
at VWM
ID (uA)
(3)
Maximum
peak pulse
surge
current
IPPM (A)
(2)
Maximum
clamping
voltage
at IPPM
VC (Volts)
UNI
BI
Min.
Max.
EC76SMCJ28
GFF
BFF
31.1
38.0
1.0
28
1.0
30.0
50.0
EC76SMCJ28A
GFG
BFG
31.1
34.4
1.0
28
1.0
33.0
45.4
EC76SMCJ30
GFH
BFH
33.3
40.7
1.0
30
1.0
28.0
53.5
EC76SMCJ33
GFL
BFL
36.7
44.9
1.0
33
1.0
25.4
59.0
EC76SMCJ33A
GFM
BFM
36.7
40.6
1.0
33
1.0
28.1
53.3
EC76SMCJ36
GFN
BFN
40.0
48.9
1.0
36
1.0
23.3
64.3
EC76SMCJ36A
GFP
BFP
40.0
44.2
1.0
36
1.0
25.8
58.1
EC76SMCJ40
BFQ
BFQ
44.4
54.3
1.0
40
1.0
21.0
71.4
EC76SMCJ40A
GFR
BFR
44.4
49.1
1.0
40
1.0
23.3
64.5
EC76SMCJ43
GFS
BFS
47.8
58.4
1.0
43
1.0
19.6
76.7
EC76SMCJ43A
GFT
BFT
47.8
52.8
1.0
43
1.0
21.6
69.4
EC76SMCJ45
GFU
BFU
50.0
61.1
1.0
45
1.0
18.7
80.3
EC76SMCJ45A
GFV
BFV
50.0
55.3
1.0
45
1.0
20.6
72.7
EC76SMCJ48
GFW
BFW
53.3
65.1
1.0
48
1.0
17.5
85.5
EC76SMCJ48A
GFX
BFX
53.3
58.9
1.0
48
1.0
19.4
77.4
EC76SMCJ51
GFY
BFY
56.7
69.3
1.0
51
1.0
16.5
91.1
EC76SMCJ51A
GFZ
BFZ
56.7
62.7
1.0
51
1.0
18.2
82.4
EC76SMCJ54
GGD
BGD
60.0
73.3
1.0
54
1.0
15.6
96.3
EC76SMCJ54A
GGEE
BGE
60.0
66.3
1.0
54
1.0
17.2
87.1
EC76SMCJ58
GGF
BGF
64.4
78.7
1.0
58
1.0
14.6
103
EC76SMCJ58A
GGG
BGG
64.4
71.2
1.0
58
1.0
16.0
93
EC76SMCJ60
GGH
BGH
66.7
81.5
1.0
60
1.0
14.0
107
EC76SMCJ60A
GGK
BGK
66.7
73.7
1.0
60
1.0
15.5
96
EC76SMCJ64
GGL
BGL
71.1
86.9
1.0
64
1.0
13.2
114
EC76SMCJ64A
GGM
BGM
71.1
78.6
1.0
64
1.0
14.6
103
EC76SMCJ70
GGN
BGN
77.8
95.1
1.0
70
1.0
12
125
EC76SMCJ70A
GGP
BGP
77.8
86.0
1.0
70
1.0
13.3
113
EC76SMCJ75
GGQ
BGQ
83.3
102
1.0
75
1.0
11.2
134
EC76SMCJ75A
GGR
BGR
83.3
92.1
1.0
75
1.0
12.4
121
EC76SMCJ78
GGS
BGS
86.7
106
1.0
78
1.0
10.8
139
EC76SMCJ78A
GGT
BGT
86.7
95.8
1.0
78
1.0
11.9
126
EC76SMCJ85
GGU
BGU
94.4
115
1.0
85
1.0
9.9
151
EC76SMCJ85A
GGV
BGV
94.4
104
1.0
85
1.0
10.9
137
EC76SMCJ90
GGW
BGW
100
122
1.0
90
1.0
9.4
160
EC76SMCJ90A
GGX
BGX
100
111
1.0
90
1.0
10.3
146
EC76SMCJ100
GGY
BGY
111
136
1.0
100
1.0
8.4
179
EC76SMCJ100A
GGZ
BGZ
111
123
1.0
100
1.0
9.3
162
EC76SMCJ110
GHD
BHD
122
149
1.0
110
1.0
7.7
196
EC76SMCJ110A
GHE
BHE
122
135
1.0
110
1.0
8.5
177
EC76SMCJ120
GHF
BHF
133
163
1.0
120
1.0
7.0
214
EC76SMCJ120A
GHG
BHG
133
147
1.0
120
1.0
7.8
193
EC76SMCJ130
GHH
BHH
144
176
1.0
130
1.0
6.5
231
EC76SMCJ130A
GHK
BHK
144
159
1.0
130
1.0
7.2
209
EC76SMCJ150
GHL
BHL
167
204
1.0
150
1.0
5.6
268
EC76SMCJ150A
GHM
BHM
167
185
1.0
150
1.0
6.2
243
EC76SMCJ160
GHN
BHN
178
218
1.0
160
1.0
5.2
287
EC76SMCJ160A
GHP
BHP
178
197
1.0
160
1.0
5.8
259


Similar Part No. - EC76SMCJ58

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC76SM712 E-CMOS-EC76SM712 Datasheet
123Kb / 3P
   ESD protection Diode
EC76SM712B1R E-CMOS-EC76SM712B1R Datasheet
123Kb / 3P
   ESD protection Diode
EC76SMAJ10 E-CMOS-EC76SMAJ10 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100 E-CMOS-EC76SMAJ100 Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
EC76SMAJ100A E-CMOS-EC76SMAJ100A Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results

Similar Description - EC76SMCJ58

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com