Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT91600AN1 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # MT91600AN1
Description  Programmable SLIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT91600AN1 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MT91600AN1 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT91600AN1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT91600AN1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT91600AN1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT91600AN1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT91600AN1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT91600AN1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT91600AN1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT91600AN1 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MT91600
Data Sheet
4
Zarlink Semiconductor Inc.
Impedance Programming
The MT91600 allows the designer to set the device’s impedance across TIP and RING, (ZTR), and network balance
impedance, (ZNB), separately with external low cost components.
For a resistive load, the impedance (ZTR) is set by R11 and R18. For a complex load, the impedance (ZTR) is set by
R11, R18, R19 & C8 (see Figure 5.)
The network balance, (ZNB), is set by R16, R17 & C3 (see Figure 5.)
The network balance impedance should be calculated once the 2W - 4W gain has been set.
Line Impedance
For optimum performance, the characteristic impedance of the line, (Zo), and the device’s impedance across TIP
and RING, (ZTR), should match. Therefore:
Zo = ZTR
The relationship between Zo and the components that set ZTR is given by the formula:
Zo / ( R1+R2) = kZo / R11
where kZo = ZLZ
ZLZ = R18, for a resistive load.
ZLZ = [R18 + (R19 // C8)], for a complex load.
The value of k can be set by the designer to be any value between 20 and 250. Three rules to ensure the correct
operation of the circuit:
(A) R18 + R19 > 50k
(B) R1 = R2.
(C) R11 > =50k
It is advisable to place these components as close as possible to the SLIC.
Network Balance Impedance
The network balance impedance, (ZNB), will set the transhybrid loss performance for the circuit. The balance of the
circuit is independent of the 4 - 2 Wire gain but is a function of the 2 - 4 Wire gain.
The method of setting the values for R16 and R17 is given by the formula:
R17
= [1.782 * Zo / ( Zo+ZNB) * ( R13 / R12 )]
R17 + R16
[1 + R13 / R12]
where ZNB is the network balance impedance of the SLIC and Zo is the line impedance.
(R16 + R17) >= 50k
It is advisable to place these components as close as possible to the SLIC.


Similar Part No. - MT91600AN1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91600 MITEL-MT91600 Datasheet
65Kb / 16P
   Programmable SLIC
More results

Similar Description - MT91600AN1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91600 MITEL-MT91600 Datasheet
65Kb / 16P
   Programmable SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3232 SILABS-SI3232 Datasheet
2Mb / 128P
   DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com