Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT91600ANR1 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MT91600ANR1
Description  Programmable SLIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT91600ANR1 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MT91600ANR1 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT91600ANR1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT91600ANR1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT91600ANR1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT91600ANR1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT91600ANR1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT91600ANR1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT91600ANR1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT91600ANR1 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MT91600
Data Sheet
3
Zarlink Semiconductor Inc.
Functional Description
The MT91600 is the analog SLIC for use in a 4 Wire switched system. The SLIC performs all of the normal interface
functions between the CODEC or switching system and the analog telephone line such as 2 W to 4 W conversion,
constant current feed, ringing and ring trip detection, current limiting, switch hook indication and line and network
balance impedance setting using minimal external components.
Refer to Figure 5 for MT91600 components designation.
2 Wire to 4 Wire Conversion
The hybrid performs 2 wire to 4 wire conversion by taking the 4 wire signal from an analog switch or voice CODEC,
a.c. coupled to VRIN, and converting it to a 2 wire differential signal at tip and ring. The 2 wire signal applied to tip
and ring by the telephone is converted to a 4 wire signal and should be a.c. coupled to Vx which is the output from
the SLIC to the analog switch or voice CODEC input.
Gain Control
It is possible to set the Transmit and Receive gains by the selection of the appropriate external components.
The gains can be calculated by the formulae:
2W to 4W gain:
Gain 2 - 4 = 20*Log [ R13 / R12]
4W to 2W gain:
Gain 4 - 2 = 20*Log [0.891 * (R14 / R15)]
16
Z2
Line Impedance Node 2. This is the common connection node between Z1 and Z3.
17
Z3
Line Impedance Node 3. A network either resistive or complex of scaled value "k" is
connected between Z3 and Z2. This connection can not be left open circuit.
18
X1
Gain Node 1. This is the common node between Z3 and VX where resistors are
connected to set the 2 W to 4 W gain.
19
VX
Transmit Audio (Output). This is the 4 W analog signal to the SLIC.
20
X3
Gain Node 3. This is the common node between VR and the audio input from the
CODEC or switching network where resistors are fitted to sets the 4 W to 2 W gain
21
VR
Receive Audio (Input). This is the 4 W analog signal to the SLIC.
22
X2
Gain Node 2. Networks, either resistive or complex, are connected between this node,
VR and GND to set the Network Balance Impedance for the SLIC.
23
C1
A filter capacitor for ring trip is connected between this pin and GND.
24
SHK
Switch Hook (Output). This pin indicates the line state of the subscribers telephone.
The output can also be used for dial pulse monitoring. SHK is high in off-hook state.
25
RLYC
Relay Control (Input). An active high on this pin will switch RLYD low.
26
RLYD
Inverted Output of RLYC. It is used to drive the bipolar transistor that drives the relay
(see Figure 5.)
27
GND
Ground. Return path for +5 V and -5 V. This should also be connected back to the
return path for the loop battery, LGND and relay drive ground RLYGND.
28
VEE
Negative supply rail, -5 V.
Pin Description (continued)
Pin #
Name
Description


Similar Part No. - MT91600ANR1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91600 MITEL-MT91600 Datasheet
65Kb / 16P
   Programmable SLIC
More results

Similar Description - MT91600ANR1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91600 MITEL-MT91600 Datasheet
65Kb / 16P
   Programmable SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3232 SILABS-SI3232 Datasheet
2Mb / 128P
   DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com