Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCR169DRLRM Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCR169DRLRM
Description  General Purpose Sensitive Gate Silicon Controlled Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCR169DRLRM Datasheet(HTML) 2 Page - ON Semiconductor

  NCR169DRLRM Datasheet HTML 1Page - ON Semiconductor NCR169DRLRM Datasheet HTML 2Page - ON Semiconductor NCR169DRLRM Datasheet HTML 3Page - ON Semiconductor NCR169DRLRM Datasheet HTML 4Page - ON Semiconductor NCR169DRLRM Datasheet HTML 5Page - ON Semiconductor NCR169DRLRM Datasheet HTML 6Page - ON Semiconductor NCR169DRLRM Datasheet HTML 7Page - ON Semiconductor NCR169DRLRM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCR169D
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance – Junction to Case
– Junction to Ambient
RθJC
RθJA
75
200
°C/W
Lead Solder Temperature
(
t1/16″ from case, 10 secs max)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or
Reverse Blocking Current (Note 1.)
TC = 25°C
(VD = Rated VDRM and VRRM; RGK = 1.0 kΩ)TC = 110°C
IDRM, IRRM
10
0.1
µA
mA
ON CHARACTERISTICS
Peak Forward On–State Voltage(*)
(ITM = 1.0 Amp Peak @ TA = 25°C)
VTM
1.7
Volts
Gate Trigger Current (Continuous dc) (Note 2.)
TC = 25°C
(VAK = 12 V, RL = 100 Ohms)
IGT
40
200
µA
Holding Current (Note 2.)
TC = 25°C
(VAK = 12 V, IGT = 0.5 mA)
TC = –40°C
IH
0.5
5.0
10
mA
Latch Current
TC = 25°C
(VAK = 12 V, IGT = 0.5 mA, RGK = 1.0 k)
TC = –40°C
IL
0.6
10
15
mA
Gate Trigger Voltage (Continuous dc) (Note 2.)
TC = 25°C
(VAK = 12 V, RL = 100 Ohms, IGT = 10 mA)
TC = –40°C
VGT
0.62
0.8
1.2
Volts
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off–State Voltage
(VD = Rated VDRM, Exponential Waveform, RGK = 1000 Ohms,
TJ = 110°C)
dV/dt
20
35
V/
µs
Critical Rate of Rise of On–State Current
(IPK = 20 A; Pw = 10 µsec; diG/dt = 1.0 A/µsec, Igt = 20 mA)
di/dt
50
A/
µs
*Indicates Pulse Test: Pulse Width
≤ 1.0 ms, Duty Cycle ≤ 1%.
1. RGK = 1000 Ohms included in measurement.
2. Does not include RGK in measurement.


Similar Part No. - NCR169DRLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCR169DRLRM ONSEMI-NCR169DRLRM Datasheet
69Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
October, 2005 ??Rev. 1
logo
Kersemi Electronic Co.,...
NCR169DRLRM KERSEMI-NCR169DRLRM Datasheet
419Kb / 7P
   Silicon Controlled Rectifier
logo
ON Semiconductor
NCR169DRLRMG ONSEMI-NCR169DRLRMG Datasheet
69Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
October, 2005 ??Rev. 1
More results

Similar Description - NCR169DRLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCR169D ONSEMI-NCR169D_05 Datasheet
69Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
October, 2005 ??Rev. 1
logo
SemiHow Co.,Ltd.
HSC106DM SEMIHOW-HSC106DM Datasheet
246Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
Suntac Electronic Corp.
OT391 SUNTAC-OT391 Datasheet
88Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIER
CR02AM SUNTAC-CR02AM Datasheet
85Kb / 4P
   Sensitive Gate Silicon controlled Rectifier
logo
SHANTOU HUASHAN ELECTRO...
HC106D HUASHAN-HC106D Datasheet
184Kb / 3P
   Sensitive Gate Silicon Controlled Rectifier
logo
Suntac Electronic Corp.
X0205MN SUNTAC-X0205MN Datasheet
82Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
CR03AM SUNTAC-CR03AM Datasheet
128Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
X0105DN SUNTAC-X0105DN Datasheet
148Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
SemiHow Co.,Ltd.
HSC106D SEMIHOW-HSC106D Datasheet
216Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
Suntac Electronic Corp.
MCR100-8 SUNTAC-MCR100-8 Datasheet
135Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com