Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV1009 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV1009
Description  2.5 Volt Reference
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV1009 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV1009 Datasheet HTML 1Page - ON Semiconductor NCV1009 Datasheet HTML 2Page - ON Semiconductor NCV1009 Datasheet HTML 3Page - ON Semiconductor NCV1009 Datasheet HTML 4Page - ON Semiconductor NCV1009 Datasheet HTML 5Page - ON Semiconductor NCV1009 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NCV1009
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Reverse Current
20
mA
Forward
10
mA
Package Thermal Resistance, SO−8:
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
45
165
°C/W
°C/W
Operating Temperature Range
−40 to +125
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow: (SMD styles only) (Notes 2, 3)
260 peak
240 peak
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 second maximum
2. 60 second maximum above 183
°C.
3. −5
°C / +0°C allowable conditions.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Reverse Breakdown Voltage
IR = 1.0 mA
2.492
2.500
2.508
V
Reverse Breakdown Voltage
0
°C ≤ TA ≤ 125°C
2.492
2.500
2.508
V
Reverse Breakdown Voltage
−40
°C ≤ TA ≤ 0°C
2.480
2.500
2.508
V
Reverse Breakdown Voltage
Change with Current
400
µA ≤ IR ≤ 10 mA
{
2.6
3.0
5.0
6.0
mV
mV
Reverse Dynamic Impedance
IR = 1.0 mA
{
0.2
0.4
1.0
1.4
Temperature Stability
Average Temperature Coefficient
0
°C ≤ TA ≤ 70°C, Note 4
0
°C ≤ TA ≤ 70°C, Note 4
1.8
15
mV
ppm/
°C
Long Term Stabilty
TA = 25°C ±0.1 C, IR = 1.0 mA
20
ppm/kHr
Denotes the specifications which apply over full operating temperature range.
4. Average temperature coefficient is defined as the total voltage change divided by the specified temperature range.
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Reverse Current vs. Reverse Voltage
Figure 4. Change in Reverse Voltage vs.
Reverse Current
0.5
1.0
1.4
1.8
2.2
2.6
0
4
812
16
20
10−5
10−4
10−3
10−2
10−1
TJ = 25°C
REVERSE VOLTAGE (V)
0
1
2
3
4
5
REVERSE CURRENT (mA)


Similar Part No. - NCV1009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1009 ONSEMI-NCV1009 Datasheet
66Kb / 6P
   2.5 Volt Reference
February, 2006 ??Rev. 9
NCV1009D ONSEMI-NCV1009D Datasheet
66Kb / 6P
   2.5 Volt Reference
February, 2006 ??Rev. 9
NCV1009DR2 ONSEMI-NCV1009DR2 Datasheet
66Kb / 6P
   2.5 Volt Reference
February, 2006 ??Rev. 9
NCV1009DR2G ONSEMI-NCV1009DR2G Datasheet
66Kb / 6P
   2.5 Volt Reference
February, 2006 ??Rev. 9
NCV1009Z ONSEMI-NCV1009Z Datasheet
66Kb / 6P
   2.5 Volt Reference
February, 2006 ??Rev. 9
More results

Similar Description - NCV1009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1009 ONSEMI-NCV1009_06 Datasheet
66Kb / 6P
   2.5 Volt Reference
February, 2006 ??Rev. 9
CS1009 ONSEMI-CS1009 Datasheet
57Kb / 8P
   2.5 Volt Reference
April, 2001 ??Rev. 6
logo
Microsemi Corporation
SG1503 MICROSEMI-SG1503 Datasheet
152Kb / 3P
   PRECISION 2.5-VOLT REFERENCE
logo
Maxim Integrated Produc...
MX580 MAXIM-MX580 Datasheet
99Kb / 4P
   High Precision 2.5 Volt Reference
Rev 1; 8/96
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com