Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5601230304 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5601230304
Description  DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Blue, 3 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5601230304 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5601230304_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5601230304
Status:
Active
Overview:
DuraClik™ Connector System
Description:
DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Blue, 3 Circuits
Documents:
3D Model
Product Specification PS-560123-003-001 (PDF)
Drawing (PDF)
Application Specification AS-560123-001-001 (PDF)
Product Specification 5601230900-_PS (PDF)
Packaging Specification 5601230900-PK (PDF)
Product Specification PS-560123-002-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
560123
Application
Signal, Wire-to-Board
Overview
DuraClik™ Connector System
Product Name
DuraClik
UPC
889056617130
Physical
Circuits (maximum)
3
Color - Resin
Blue
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
PBT
Net Weight
0.219/g
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-560123-001-001
Packaging Specification
5601230900-_PK
Product Specification
5601230900-_PS, PS-560123-002-001,
PS-560123-003-001
Sales Drawing
SD-560123-003
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Reviewed
RoHS Phthalates
Not Contained
Search Parts in this Series
560123 Series
Mates With
DuraClik Right-Angle Header 502352 <br>
DuraClik Vertical Header 560020
Use With
DuraClik ISL Terminal 560124 <br>DuraClik
ISL Retainer 560125
This document was generated on 10/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5601230304_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5601230300 MOLEX-5601230300 Datasheet
113Kb / 1P
   DURA-CLIK ISL R-R 3CKT 150MM DISC Sn
2021/05/28
5601230300 MOLEX-5601230300 Datasheet
101Kb / 1P
   DURA-CLIK ISL R-S 3CKT 150MM DISC Sn
2021/05/28
5601230300 MOLEX1-5601230300_17 Datasheet
54Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, White, 3 Circuits
5601230301 MOLEX1-5601230301_17 Datasheet
53Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Black, 3 Circuits
5601230302 MOLEX1-5601230302_17 Datasheet
53Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Red, 3 Circuits
More results

Similar Description - 5601230304_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5601230301 MOLEX1-5601230301_17 Datasheet
53Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Black, 3 Circuits
5601230300 MOLEX1-5601230300_17 Datasheet
54Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, White, 3 Circuits
5601230204 MOLEX1-5601230204_17 Datasheet
52Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Blue, 2 Circuits
5601230604 MOLEX1-5601230604_17 Datasheet
53Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Blue, 6 Circuits
5601230804 MOLEX1-5601230804_17 Datasheet
54Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Blue, 8 Circuits
5601230404 MOLEX1-5601230404_17 Datasheet
56Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Blue, 4 Circuits
5601230302 MOLEX1-5601230302_17 Datasheet
53Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Red, 3 Circuits
5601230200 MOLEX1-5601230200_17 Datasheet
52Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, White, 2 Circuits
5601230202 MOLEX1-5601230202_17 Datasheet
52Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Red, 2 Circuits
5601230801 MOLEX1-5601230801_17 Datasheet
54Kb / 1P
   DuraClik ISL Wire-to-Board Receptacle Housing, Single Row, Black, 8 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com