Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE68519-T1 Datasheet(PDF) 6 Page - NEC

Part # NE68519-T1
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE68519-T1 Datasheet(HTML) 6 Page - NEC

Back Button NE68519-T1 Datasheet HTML 2Page - NEC NE68519-T1 Datasheet HTML 3Page - NEC NE68519-T1 Datasheet HTML 4Page - NEC NE68519-T1 Datasheet HTML 5Page - NEC NE68519-T1 Datasheet HTML 6Page - NEC NE68519-T1 Datasheet HTML 7Page - NEC NE68519-T1 Datasheet HTML 8Page - NEC NE68519-T1 Datasheet HTML 9Page - NEC NE68519-T1 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
0.1
0.983
-7.500
1.790
169.200
0.034
85.200
0.999
-6.200
0.064
17.214
0.4
0.944
-31.700
1.711
146.200
0.117
66.600
0.967
-22.300
0.169
11.651
0.8
0.838
-59.400
1.539
116.800
0.194
44.600
0.884
-41.400
0.359
8.994
1.0
0.779
-71.400
1.444
104.200
0.221
35.800
0.844
-49.300
0.443
8.152
1.5
0.646
-98.900
1.254
77.100
0.264
17.600
0.757
-64.300
0.644
6.767
2.0
0.531
-123.400
1.125
54.600
0.290
3.700
0.686
-77.100
0.816
5.888
2.5
0.438
-149.700
1.041
33.900
0.289
-6.300
0.622
-87.200
1.000
5.533
3.0
0.371
178.600
0.972
16.200
0.293
-16.600
0.568
-98.700
1.132
2.997
NE68519
VCE = 0.5 V, IC = 0.5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.768
-24.000
22.184
155.700
0.020
73.100
0.903
-17.800
0.300
30.450
0.4
0.433
-70.300
12.973
112.600
0.048
61.600
0.612
-41.800
0.645
24.318
0.8
0.234
-98.400
7.396
87.200
0.076
55.200
0.451
-49.200
0.915
19.882
1.0
0.183
-107.300
6.039
78.700
0.089
53.500
0.424
-51.300
0.979
18.316
1.5
0.103
-121.300
4.147
61.400
0.126
47.300
0.399
-56.300
1.046
13.865
2.0
0.056
-130.100
3.169
46.700
0.161
40.900
0.388
-62.200
1.081
11.202
2.5
0.011
-162.800
2.593
33.400
0.198
33.300
0.382
-68.200
1.086
9.379
3.0
0.022
82.000
2.234
20.700
0.234
24.600
0.357
-76.700
1.090
7.974
4.0
0.129
68.400
1.809
-4.400
0.306
6.100
0.260
-102.000
1.078
6.017
5.0
0.249
49.800
1.548
-29.200
0.375
-14.000
0.164
-146.600
1.052
4.760
0.1
0.983
-9.100
3.424
169.500
0.020
83.400
0.996
-6.000
0.070
22.335
0.4
0.913
-31.900
3.197
147.200
0.078
66.500
0.961
-21.800
0.190
16.126
0.8
0.784
-59.700
2.774
119.400
0.127
48.500
0.864
-39.700
0.347
13.393
1.0
0.714
-71.600
2.548
107.600
0.144
39.600
0.818
-46.700
0.450
12.478
1.5
0.566
-97.300
2.102
82.700
0.173
25.900
0.727
-59.900
0.653
10.846
2.0
0.448
-119.900
1.783
62.000
0.190
17.100
0.659
-69.500
0.844
9.724
2.5
0.346
-142.800
1.564
43.800
0.201
10.000
0.609
-77.700
1.022
7.997
3.0
0.272
-169.700
1.425
27.300
0.217
4.500
0.564
-86.900
1.127
6.005
4.0
0.242
121.300
1.229
-3.600
0.258
-5.400
0.465
-110.900
1.216
3.974
0.1
0.974
-7.900
3.439
169.200
0.024
81.200
0.998
-5.000
0.156
21.562
0.4
0.905
-35.600
3.225
144.300
0.087
63.200
0.943
-24.600
0.210
15.690
0.8
0.757
-65.100
2.742
115.500
0.150
46.000
0.829
-44.700
0.354
12.620
1.0
0.687
-77.600
2.500
103.600
0.167
36.900
0.775
-52.100
0.459
11.752
1.5
0.536
-104.500
2.026
78.200
0.198
22.500
0.674
-65.600
0.680
10.100
2.0
0.417
-127.700
1.711
57.400
0.216
13.000
0.607
-76.000
0.873
8.988
2.5
0.322
-155.300
1.511
38.400
0.228
5.000
0.546
-84.000
1.047
6.892
3.0
0.254
172.200
1.367
21.800
0.252
-0.500
0.496
-94.000
1.127
5.176
4.0
0.280
104.200
1.171
-9.300
0.283
-11.200
0.387
-120.900
1.240
3.217
VCE = 1.0 V, IC = 1.0 mA
VCE = 3.0 V, IC = 10 mA
VCE = 2.5 V, IC = 1.0 mA
NE685 SERIES
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
See note on previous page.
Coordinates in Ohms
Frequency in GHz
(VCE = 2.5 V, IC = 1 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
4 GHz
S11
4 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
.025
.020
.015
.010
3
2
1
.05
S12
0.1 GHz
S21
4 GHz
S21
0.1 GHz
S12
4 GHz


Similar Part No. - NE68519-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE68519-T1-A CEL-NE68519-T1-A Datasheet
354Kb / 18P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68519-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE686 NEC-NE686 Datasheet
140Kb / 11P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE688 CEL-NE688 Datasheet
347Kb / 20P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE687 NEC-NE687 Datasheet
196Kb / 21P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687 CEL-NE687 Datasheet
314Kb / 22P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE685 CEL-NE685 Datasheet
354Kb / 18P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE686 CEL-NE686 Datasheet
258Kb / 12P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE688 NEC-NE688 Datasheet
231Kb / 19P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5583 MOTOROLA-MRF5583 Datasheet
67Kb / 4P
   SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com