Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5534ADR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # NE5534ADR
Description  LOW-NOISE OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NE5534ADR Datasheet(HTML) 5 Page - Texas Instruments

  NE5534ADR Datasheet HTML 1Page - Texas Instruments NE5534ADR Datasheet HTML 2Page - Texas Instruments NE5534ADR Datasheet HTML 3Page - Texas Instruments NE5534ADR Datasheet HTML 4Page - Texas Instruments NE5534ADR Datasheet HTML 5Page - Texas Instruments NE5534ADR Datasheet HTML 6Page - Texas Instruments NE5534ADR Datasheet HTML 7Page - Texas Instruments NE5534ADR Datasheet HTML 8Page - Texas Instruments NE5534ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NE5534, NE5534A, SA5534. SA5534A
LOW NOISE OPERATIONAL AMPLIFIERS
SLOS070C − JULY 1979 − REVISED SEPTEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC ± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
NE5534,
SA5534
NE5534A, SA5534A
UNIT
PARAMETER
TEST CONDITIONS
TYP
MIN
TYP
MAX
UNIT
SR
Slew rate
CC = 0
13
13
V/ s
SR
Slew rate
CC = 22 pF
6
6
V/
µs
Rise time
VI = 50 mV,
RL = 600 Ω,
AVD = 1,
CC = 22 pF
20
20
ns
tr
Overshoot factor
I
RL = 600 Ω,
CL = 100 pF
CC = 22 pF
20
20
%
tr
Rise time
VI = 50 mV,
RL = 600 Ω,
AVD = 1,
CC = 47 pF
50
50
ns
Overshoot factor
I
RL = 600 Ω,
CL = 500 pF
CC = 47 pF
35
35
%
Vn
Equivalent input noise voltage
f = 30 Hz
7
5.5
7
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
4
3.5
4.5
nV/
√Hz
In
Equivalent input noise current
f = 30 Hz
2.5
1.5
pA/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.6
0.4
pA/
√Hz
F
Average noise figure
RS = 5 kΩ,
f = 10 Hz to 20 kHz
0.9
dB


Similar Part No. - NE5534ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5534ADR TI-NE5534ADR Datasheet
289Kb / 12P
[Old version datasheet]   LOW OPERATIONAL AMPLIFIERS
NE5534ADR TI-NE5534ADR Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534ADR TI-NE5534ADR Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534ADR TI-NE5534ADR Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
NE5534ADR TI1-NE5534ADR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise Operational Amplifiers
More results

Similar Description - NE5534ADR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com