Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7124-8 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7124-8
Description  8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7124-8 Datasheet(HTML) 4 Page - Analog Devices

  AD7124-8_17 Datasheet HTML 1Page - Analog Devices AD7124-8_17 Datasheet HTML 2Page - Analog Devices AD7124-8_17 Datasheet HTML 3Page - Analog Devices AD7124-8_17 Datasheet HTML 4Page - Analog Devices AD7124-8_17 Datasheet HTML 5Page - Analog Devices AD7124-8_17 Datasheet HTML 6Page - Analog Devices AD7124-8_17 Datasheet HTML 7Page - Analog Devices AD7124-8_17 Datasheet HTML 8Page - Analog Devices AD7124-8_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
Data Sheet
AD7124-8
Rev. D | Page 3 of 92
ERROR_EN Register ..................................................................85
MCLK_COUNT Register ..........................................................86
Channel Registers........................................................................87
Configuration Registers .............................................................89
Filter Registers .............................................................................90
Offset Registers............................................................................91
Gain Registers..............................................................................91
Outline Dimensions........................................................................92
Ordering Guide ...........................................................................92
REVISION HISTORY
7/2016—Rev. C to Rev. D
Change to Features Section..............................................................1
Changes to Specifications Section and Table 2..............................5
Changes to Table 4 ..........................................................................13
Change to Table 8 ............................................................................27
Changes to Table 9 and Table 10 ...................................................28
Change to Table 25..........................................................................32
Changes to Table 28 ........................................................................33
Change to Table 29..........................................................................34
Change to Accessing the ADC Register Map Section and
Table 38.............................................................................................38
Changes to Diagnostics Section, Table 44, and Table 45 ...........41
Added External Impedance When Using a Gain of 1 Section
and Figure 74, Figure 75, and Figure 76; Renumbered
Sequentially ......................................................................................45
Changes to Standby and Power-Down Modes Section..............48
Changes to Single Conversion Mode Section..............................49
Changes to Continuous Read Mode Section...............................51
Changes to Sinc4 Output Data Rate/Settling Time Section .......54
Changes to Sinc4 Zero Latency Section .......................................55
Changes to Sinc3 Output Data Rate and Settling Time Section......56
Changes to Sinc3 Zero Latency Section ........................................57
Change to Output Data Rate and Settling Time, Sinc4 + Sinc1
Filter Section ....................................................................................59
Change to Output Data Rate and Settling Time, Sinc3 + Sinc1
Filter Section ....................................................................................60
Changes to SPI_IGNORE Error Section......................................68
Added ROM Checksum Protection Section................................69
Changes to Table 63 ........................................................................77
Changes to ID Register Section, Error Register Section, and
Table 70.............................................................................................84
Changes to ERROR_EN Register Section and Table 71 ............85
Changes to Table 73 ........................................................................88
12/2015—Rev. B to Rev. C
Changed +105°C to +125°C......................................... Throughout
Change to Features Section..............................................................1
Change to General Description Section.........................................4
Changes to Table 2 ............................................................................5
Added Endnote 4, Table 2; Renumbered Sequentially .................9
Change to Table 4............................................................................13
Changes to Figure 16 Through Figure 21 ....................................19
Changes to Figure 22 Through Figure 25 ....................................20
Changes to Figure 29, Figure 32, and Figure 33..........................21
Changes to Figure 36 Through Figure 39 ....................................22
Changes to Figure 40 Through Figure 45 ....................................23
Changes to Figure 46 and Figure 47 .............................................24
Changes to Figure 63 ......................................................................26
Change to Table 17..........................................................................30
Change to Accessing the ADC Register Map Section................38
Change to Table 63..........................................................................76
Change to ID Register Section ......................................................83
Changes to Table 73 ........................................................................86
Changes to Ordering Guide...........................................................91
7/2015—Rev. A to Rev. B
Changes to Figure 29 ......................................................................21
Change to Single Conversion Mode Section ...............................49
Changes to Calibration Section.....................................................51
Changes to Figure 82 ......................................................................53
Changes to Figure 90 ......................................................................56
Changes to Figure 98 ......................................................................58
Changes to Figure 104 ....................................................................60
Changes to Reference Detect Section and Figure 118................65
Changes to Table 70 ........................................................................83
Changes to Table 71 ...............................................................................84
Changes to Table 75 ........................................................................89
5/2015—Rev. 0 to Rev. A
Changes to Temperature Measurement Using a Thermocouple
Section ..............................................................................................71
Changed AINM to AINP, Table 70 ...............................................83
Changed REFOUT to Internal Reference, Table 73 ...................86
4/2015—Revision 0: Initial Version


Similar Part No. - AD7124-8_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7124-8BCPZ AD-AD7124-8BCPZ Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8BCPZ-RL AD-AD7124-8BCPZ-RL Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8BCPZ-RL7 AD-AD7124-8BCPZ-RL7 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results

Similar Description - AD7124-8_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com