Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7989-1 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7989-1
Description  PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7989-1 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7989-1 Datasheet HTML 5Page - Analog Devices AD7989-1 Datasheet HTML 6Page - Analog Devices AD7989-1 Datasheet HTML 7Page - Analog Devices AD7989-1 Datasheet HTML 8Page - Analog Devices AD7989-1 Datasheet HTML 9Page - Analog Devices AD7989-1 Datasheet HTML 10Page - Analog Devices AD7989-1 Datasheet HTML 11Page - Analog Devices AD7989-1 Datasheet HTML 12Page - Analog Devices AD7989-1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
Rev. B | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, VREF = 5.0 V, VIO = 3.3 V.
Figure 6. INL vs. Code
Figure 7. Histogram of a DC Input at the Code Center
Figure 8. AD7989-5 Fast Fourier Transform (FFT) Plot
Figure 9. DNL vs. Code
Figure 10. Histogram of a DC Input at the Code Transition
Figure 11. AD7989-1 FFT Plot
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
65536
131072
196608
262144
CODE
POSITIVE INL: +0.79 LSB
NEGATIVE INL: –0.68 LSB
60k
50k
40k
30k
20k
10k
0
3FFF0
3FFF2
3FFF4
3FFF6
3FFF8
3FFFA
3FFFC
CODE IN HEX
00
29
745
881
43
0
0
7795
29064
50975
32476
9064
0
–20
–40
–60
–80
–100
–120
–140
–160
0
50
100
150
200
250
FREQUENCY (kHz)
fS = 500kSPS
fIN = 1kHz
SNR = 97.4361dB
SINAD = 97.3577dB
THD = –114.42dB
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
65536
131072
196608
262144
CODE
50k
45k
40k
35k
30k
25k
0
0
1
2
3
4
56789A
D
CODE IN HEX
00
7
145
70
0
20k
15k
10k
5k
222
C
B
16682
44806
43239
20013
3158
2793
0
–20
–40
–60
–80
–100
–120
–140
–160
0
1020304050
FREQUENCY (kHz)
fS = 100kSPS
fIN = 1kHz
SNR = 97.2634dB
SINAD = 97.145dB
THD = –112.7dB


Similar Part No. - AD7989-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-1BCPZ-R2 ETC2-AD7989-1BCPZ-R2 Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1BCPZ-R2 AD-AD7989-1BCPZ-R2 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-1BCPZ-RL7 ETC2-AD7989-1BCPZ-RL7 Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1BCPZ-RL7 AD-AD7989-1BCPZ-RL7 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
More results

Similar Description - AD7989-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com