Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9249 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9249_17 Datasheet HTML 7Page - Analog Devices AD9249_17 Datasheet HTML 8Page - Analog Devices AD9249_17 Datasheet HTML 9Page - Analog Devices AD9249_17 Datasheet HTML 10Page - Analog Devices AD9249_17 Datasheet HTML 11Page - Analog Devices AD9249_17 Datasheet HTML 12Page - Analog Devices AD9249_17 Datasheet HTML 13Page - Analog Devices AD9249_17 Datasheet HTML 14Page - Analog Devices AD9249_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AD9249
Data Sheet
Rev. 0 | Page 10 of 36
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD to GND
−0.3 V to +2.0 V
DRVDD to GND
−0.3 V to +2.0 V
Digital Outputs
(D±x1, D±x2, DCO±1, DCO±2,
FCO±1, FCO±2) to GND
−0.3 V to +2.0 V
CLK+, CLK− to GND
−0.3 V to +2.0 V
VIN±x1, VIN±x2 to GND
−0.3 V to +2.0 V
SCLK/DTP, SDIO/DFS, CSB1, CSB2 to GND
−0.3 V to +2.0 V
SYNC, PDWN to GND
−0.3 V to +2.0 V
RBIAS1, RBIAS2 to GND
−0.3 V to +2.0 V
VREF, VCM1, VCM2, SENSE to GND
−0.3 V to +2.0 V
Environmental
Operating Temperature Range (Ambient)
−40°C to +85°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Typical θJAis specified for a 4-layer PCB with a solid ground plane.
Airflow improves heat dissipation, which reduces θJA. In addition,
metal in direct contact with the package leads from metal traces,
through holes, ground, and power planes reduces θJA.
Table 7. Thermal Resistance (Simulated)
Package Type
Airflow Velocity
(m/sec)
θJA1, 2
ΨJT1,2
Unit
144-Ball,
10 mm × 10 mm
CSP-BGA
0
30.2
0.13
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
ESD CAUTION


Similar Part No. - AD9249_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9249-65EBZ AD-AD9249-65EBZ Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
AD9249BBCZ-65 AD-AD9249BBCZ-65 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
AD9249BBCZRL7-65 AD-AD9249BBCZRL7-65 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
More results

Similar Description - AD9249_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9249 AD-AD9249 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com