Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7989-1BCPZ-RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7989-1BCPZ-RL7
Description  PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7989-1BCPZ-RL7 Datasheet(HTML) 5 Page - Analog Devices

  AD7989-1BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
Rev. B | Page 5 of 24
TIMING SPECIFICATIONS
VDD = 2.37 V to 2.63 V, VIO = 2.3 V to 5.5 V, TA = −40°C to +85°C, unless otherwise noted.1
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
THROUGHPUT RATE
AD7989-1
100
kSPS
AD7989-5
500
kSPS
CONVERSION AND ACQUISITION TIMES
Conversion Time: CNV Rising Edge to Data Available
tCONV
AD7989-1
9500
ns
AD7989-5
1600
ns
Acquisition Time
tACQ
AD7989-1
500
ns
AD7989-5
400
ns
Time Between Conversions
tCYC
AD7989-1
10
μs
AD7989-5
2
μs
CNV PULSE WIDTH (CS MODE)
tCNVH
500
ns
SCK
SCK Period (CS Mode)
tSCK
VIO Above 4.5 V
10.5
ns
VIO Above 3 V
12
ns
VIO Above 2.7 V
13
ns
VIO Above 2.3 V
15
ns
SCK Period (Chain Mode)
tSCK
VIO Above 4.5 V
11.5
ns
VIO Above 3 V
13
ns
VIO Above 2.7 V
14
ns
VIO Above 2.3 V
16
ns
SCK Low Time
tSCKL
4.5
ns
SCK High Time
tSCKH
4.5
ns
SCK Falling Edge to Data Remains Valid
tHSDO
3
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 4.5 V
9.5
ns
VIO Above 3 V
11
ns
VIO Above 2.7 V
12
ns
VIO Above 2.3 V
14
ns
CS MODE
CNV or SDI Low to SDO D17 MSB Valid
tEN
VIO Above 3 V
10
ns
VIO Above 2.3V
15
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
20
ns
SDI Valid Setup Time from CNV Rising Edge (CS Mode)
tSSDICNV
5
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
2
ns
CHAIN MODE
SCK Valid Setup Time from CNV Rising Edge
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge
tSSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge
tHSDISCK
3
ns
1 See Figure 2 and Figure 3 for load conditions.


Similar Part No. - AD7989-1BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD7989-1BCPZ-RL7 ETC2-AD7989-1BCPZ-RL7 Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1BCPZ-RL7 AD-AD7989-1BCPZ-RL7 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
More results

Similar Description - AD7989-1BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com