Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD24N06 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD24N06
Description  Power MOSFET 60 V, 24 A, N-Channel DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD24N06 Datasheet(HTML) 7 Page - ON Semiconductor

  NTD24N06 Datasheet HTML 1Page - ON Semiconductor NTD24N06 Datasheet HTML 2Page - ON Semiconductor NTD24N06 Datasheet HTML 3Page - ON Semiconductor NTD24N06 Datasheet HTML 4Page - ON Semiconductor NTD24N06 Datasheet HTML 5Page - ON Semiconductor NTD24N06 Datasheet HTML 6Page - ON Semiconductor NTD24N06 Datasheet HTML 7Page - ON Semiconductor NTD24N06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTD24N06
http://onsemi.com
7
PACKAGE DIMENSIONS
DPAK
CASE 369C−01
ISSUE O
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
−T− SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.180
0.215
4.57
5.45
S
0.025
0.040
0.63
1.01
U
0.020
−−−
0.51
−−−
V
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
12
3
4
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
5.80
0.228
2.58
0.101
1.6
0.063
6.20
0.244
3.0
0.118
6.172
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - NTD24N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD24N06 ONSEMI-NTD24N06 Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
NTD24N06 ONSEMI-NTD24N06 Datasheet
86Kb / 8P
   Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
NTD24N06 ONSEMI-NTD24N06 Datasheet
126Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 5
logo
Guangdong Youtai Semico...
NTD24N06 UMW-NTD24N06 Datasheet
413Kb / 6P
   TrenchFET® Power MOSFET
logo
ON Semiconductor
NTD24N06-1G ONSEMI-NTD24N06-1G Datasheet
86Kb / 8P
   Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
More results

Similar Description - NTD24N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD60N02R ONSEMI-NTD60N02R Datasheet
81Kb / 8P
   Power MOSFET 62 A, 24 V, N-Channel, DPAK
December, 2004 ??Rev. 10
NTD20N06L ONSEMI-NTD20N06L_V01 Datasheet
272Kb / 9P
   MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5
NVD3055-094T4G ONSEMI-NVD3055-094T4G Datasheet
135Kb / 9P
   Power MOSFET 12 A, 60 V, N?묬hannel DPAK / IPAK
April, 2013 ??Rev. 8
NTD24N06G ONSEMI-NTD24N06G Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
logo
STMicroelectronics
STD70N6F3 STMICROELECTRONICS-STD70N6F3 Datasheet
629Kb / 1P
   N-channel 60 V, 8.0 m, 70 A DPAK STripFET III Power MOSFET
logo
ON Semiconductor
NTD20N03L27 ONSEMI-NTD20N03L27_V01 Datasheet
212Kb / 7P
   MOSFET –Power, N-Channel, DPAK 20 A, 30 V
May, 2019 - Rev. 6
NTD70N03R-001 ONSEMI-NTD70N03R-001 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD70N03R ONSEMI-NTD70N03R Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
logo
STMicroelectronics
STD20NF06LAG STMICROELECTRONICS-STD20NF06LAG Datasheet
605Kb / 15P
   Automotive-grade N-channel 60 V, 32 mΩ typ., 24 A, STripFET II Power MOSFET in a DPAK package
DS11845 - Rev 3 - October 2019
logo
ON Semiconductor
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
   MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com