Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9690 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9690 Datasheet HTML 6Page - Analog Devices AD9690 Datasheet HTML 7Page - Analog Devices AD9690 Datasheet HTML 8Page - Analog Devices AD9690 Datasheet HTML 9Page - Analog Devices AD9690 Datasheet HTML 10Page - Analog Devices AD9690 Datasheet HTML 11Page - Analog Devices AD9690 Datasheet HTML 12Page - Analog Devices AD9690 Datasheet HTML 13Page - Analog Devices AD9690 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 9 of 78
TIMING SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLK+ to SYSREF+ TIMING REQUIREMENTS
See Figure 3
tSU_SR
Device clock to SYSREF+ setup time
117
ps
tH_SR
Device clock to SYSREF+ hold time
−96
ps
SPI TIMING REQUIREMENTS
See Figure 4
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK must be in a logic high state
10
ns
tLOW
Minimum period that SCLK must be in a logic low state
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to an
output relative to the SCLK falling edge (not shown in Figure 4)
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input relative to the SCLK rising edge (not shown in Figure 4)
10
ns
Timing Diagrams
SERDOUT0–
N – 54
N – 53
N – 52
N – 51
N – 1
SAMPLE N
N + 1
APERTURE
DELAY
N – 55
CLK+
CLK–
CLK+
CLK–
SERDOUT0+
SERDOUT1–
SERDOUT1+
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
CONVERTER0 MSB
CONVERTER0 LSB
ANALOG
INPUT
SIGNAL
SAMPLE N – 55
ENCODED INTO 1
8-BIT/10-BIT SYMBOL
SAMPLE N – 54
ENCODED INTO 1
8-BIT/10-BIT SYMBOL
SAMPLE N – 53
ENCODED INTO 1
8-BIT/10-BIT SYMBOL
Figure 2. Data Output Timing (Full Bandwidth Mode; L = 2; M = 1; F = 1)
CLK+
CLK–
SYSREF+
SYSREF–
tSU_SR
tH_SR
Figure 3. SYSREF± Setup and Hold Timing


Similar Part No. - AD9690

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9690-1000EBZ AD-AD9690-1000EBZ Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9690-500EBZ AD-AD9690-500EBZ Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9690BCPZ-1000 AD-AD9690BCPZ-1000 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9690BCPZ-500 AD-AD9690BCPZ-500 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
More results

Similar Description - AD9690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com