Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9680BCPZ-820 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9680BCPZ-820
Description  Dual Analog-to-Digital Converter
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680BCPZ-820 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9680BCPZ-820 Datasheet HTML 6Page - Analog Devices AD9680BCPZ-820 Datasheet HTML 7Page - Analog Devices AD9680BCPZ-820 Datasheet HTML 8Page - Analog Devices AD9680BCPZ-820 Datasheet HTML 9Page - Analog Devices AD9680BCPZ-820 Datasheet HTML 10Page - Analog Devices AD9680BCPZ-820 Datasheet HTML 11Page - Analog Devices AD9680BCPZ-820 Datasheet HTML 12Page - Analog Devices AD9680BCPZ-820 Datasheet HTML 13Page - Analog Devices AD9680BCPZ-820 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
AD9680
Data Sheet
Rev. C | Page 8 of 97
DIGITAL SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate for each speed grade, AIN = −1.0 dBFS, clock divider = 2, default SPI settings, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Temperature
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
Full
LVDS/LVPECL
Differential Input Voltage
Full
600
1200
1800
mV p-p
Input Common-Mode Voltage
Full
0.85
V
Input Resistance (Differential)
Full
35
kΩ
Input Capacitance
Full
2.5
pF
SYSREF INPUTS (SYSREF+, SYSREF−)
Logic Compliance
Full
LVDS/LVPECL
Differential Input Voltage
Full
400
1200
1800
mV p-p
Input Common-Mode Voltage
Full
0.6
0.85
2.0
V
Input Resistance (Differential)
Full
35
kΩ
Input Capacitance (Differential)
Full
2.5
pF
LOGIC INPUTS (SDI, SCLK, CSB, PDWN/STBY)
Logic Compliance
Full
CMOS
Logic 1 Voltage
Full
0.8 × SPIVDD
V
Logic 0 Voltage
Full
0
0.5
V
Input Resistance
Full
30
kΩ
LOGIC OUTPUT (SDIO)
Logic Compliance
Full
CMOS
Logic 1 Voltage (IOH = 800 µA)
Full
0.8 × SPIVDD
V
Logic 0 Voltage (IOL = 50 µA)
Full
0
0.5
V
SYNCIN INPUT (SYNCINB+/SYNCINB−)
Logic Compliance
Full
LVDS/LVPECL/CMOS
Differential Input Voltage
Full
400
1200
1800
mV p-p
Input Common-Mode Voltage
Full
0.6
0.85
2.0
V
Input Resistance (Differential)
Full
35
kΩ
Input Capacitance
Full
2.5
pF
LOGIC OUTPUTS (FD_A, FD_B)
Logic Compliance
Full
CMOS
Logic 1 Voltage
Full
0.8 × SPIVDD
V
Logic 0 Voltage
Full
0
0.5
V
Input Resistance
Full
30
kΩ
DIGITAL OUTPUTS (SERDOUTx±, x = 0 TO 3)
Logic Compliance
Full
CML
Differential Output Voltage
Full
360
770
mV p-p
Output Common-Mode Voltage (VCM)
AC-Coupled
25°C
0
1.8
V
Short-Circuit Current (IDSHORT)
25°C
−100
+100
mA
Differential Return Loss (RLDIFF)1
25°C
8
dB
Common-Mode Return Loss (RLCM)1
25°C
6
dB
Differential Termination Impedance
Full
80
100
120
1
Differential and common-mode return loss are measured from 100 MHz to 0.75 × baud rate.


Similar Part No. - AD9680BCPZ-820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9680BCPZ-820 AD-AD9680BCPZ-820 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
More results

Similar Description - AD9680BCPZ-820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
AD9640 AD-AD9640_17 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
[Old version datasheet]   DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC725 BURR-BROWN-DAC725 Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com