Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC745N60AR Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC745N60AR
Description  600V,5A N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC745N60AR Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC745N60AR Datasheet HTML 1Page - E-CMOS Corporation EC745N60AR Datasheet HTML 2Page - E-CMOS Corporation EC745N60AR Datasheet HTML 3Page - E-CMOS Corporation EC745N60AR Datasheet HTML 4Page - E-CMOS Corporation EC745N60AR Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EC745N60
600V,5A N-Channel Power MOSFET
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 5
4J06N-Rev.F001
IS
Drain-Source Diode Forward
Continuous Current
VGS = 0V
-
-
5
A
ISM
Miximum Pulsed Current
VGS = 0V
-
-
20
A
VSD
Drain-Source Diode
Forward Voltage
VGS = 0V, IS = 2.5A
-
0.81 1.5
V
trr
Reverse Recovery time
VGS = 0V, IS = 5A,
di/dt = 100A/μs
-
310
-
ns
Qrr
Reverse Recovery Charge
-
2.1
-
μC
Drain-Source Diode Characteristics
Notes :
a. TJ = +25 C to +150 C.
b. Repetitive rating; pulse width limited by maximum junction temperature.
c. ISD= 5.0A di/dt≦ 100 A/μs, VDD≦ BVDSS, TJ ≦ +150 C.
d. Pulse width≦
300 μs; duty cycle≦ 2%.
e. L=10mH, VDD =50V, IAS =5A, RG =25Ω Starting TJ =25 ℃.
Square Pulse Duration (sec) For EC745N60AF
Figure 1. Normalized Effective Transient Thermal Impedance With Pulse Duration


Similar Part No. - EC745N60AR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC745N65 E-CMOS-EC745N65 Datasheet
413Kb / 5P
   650V,5A N-Channel Power MOSFET
EC745N65AFR E-CMOS-EC745N65AFR Datasheet
413Kb / 5P
   650V,5A N-Channel Power MOSFET
EC745N65AR E-CMOS-EC745N65AR Datasheet
413Kb / 5P
   650V,5A N-Channel Power MOSFET
More results

Similar Description - EC745N60AR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N60Z UTC-5N60Z Datasheet
199Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
5N60 UTC-5N60_11 Datasheet
254Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT5N60 AOSMD-AOT5N60_10 Datasheet
137Kb / 5P
   600V,5A N-Channel MOSFET
AOT5N60 AOSMD-AOT5N60 Datasheet
164Kb / 5P
   600V, 5A N-Channel MOSFET
logo
STMicroelectronics
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
45Kb / 6P
   N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
logo
Unisonic Technologies
UF5N15Z UTC-UF5N15Z Datasheet
146Kb / 3P
   5A, 150V N-CHANNEL POWER MOSFET
5N65 UTC-5N65 Datasheet
253Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
logo
Unisonic Technologies
5N50K UTC-5N50K Datasheet
215Kb / 6P
   5A, 500V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com