Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC746N60JAR Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC746N60JAR
Description  600V,5.5A N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC746N60JAR Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC746N60JAR Datasheet HTML 1Page - E-CMOS Corporation EC746N60JAR Datasheet HTML 2Page - E-CMOS Corporation EC746N60JAR Datasheet HTML 3Page - E-CMOS Corporation EC746N60JAR Datasheet HTML 4Page - E-CMOS Corporation EC746N60JAR Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EC746N60J
600V,5.5A N-Channel Power MOSFET
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 5
4J06N-Rev.F001
ORDERING INFORMATION
Part Number
Package
Marking
Marking Information
EC746N60JAFR
TO-220F-3L
746N60J
LLLLL
YYWW
1.
LLLLL:Lot No.
2.
YY:Year code
3.
WW:Week code
EC746N60JAR
TO-220-3L
Figure 8.
Gate Threshold Variation With
Temperature
Figure 9
. Transfer Characteristics


Similar Part No. - EC746N60JAR

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EC7401QI ALTERA-EC7401QI Datasheet
1Mb / 44P
   4-Phase PWM Controller with 8-Bit DAC Code
logo
E-CMOS Corporation
EC7408N60 E-CMOS-EC7408N60 Datasheet
339Kb / 5P
   600V, 8A N-Channel Power MOSFET
EC7408N60A9T E-CMOS-EC7408N60A9T Datasheet
339Kb / 5P
   600V, 8A N-Channel Power MOSFET
EC7408N60AFT E-CMOS-EC7408N60AFT Datasheet
339Kb / 5P
   600V, 8A N-Channel Power MOSFET
EC7408N60AT E-CMOS-EC7408N60AT Datasheet
339Kb / 5P
   600V, 8A N-Channel Power MOSFET
More results

Similar Description - EC746N60JAR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD7N60NZ FAIRCHILD-FDD7N60NZ_10 Datasheet
263Kb / 9P
   N-Channel MOSFET 600V, 5.5A, 1.25?
logo
E-CMOS Corporation
EC744N65 E-CMOS-EC744N65 Datasheet
393Kb / 5P
   650V,5.5A N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Intersil Corporation
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Intersil Corporation
IRFF230 INTERSIL-IRFF230 Datasheet
327Kb / 7P
   5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
N6504NZ RENESAS-N6504NZ Datasheet
303Kb / 8P
   N-channel MOSFET 650V, 5.5A, 2.1
Jun 10, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com