Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2621NNT1GR Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC2621NNT1GR
Description  Micropower CMOS Output Hall Effect Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2621NNT1GR Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC2621NNT1GR Datasheet HTML 1Page - E-CMOS Corporation EC2621NNT1GR Datasheet HTML 2Page - E-CMOS Corporation EC2621NNT1GR Datasheet HTML 3Page - E-CMOS Corporation EC2621NNT1GR Datasheet HTML 4Page - E-CMOS Corporation EC2621NNT1GR Datasheet HTML 5Page - E-CMOS Corporation EC2621NNT1GR Datasheet HTML 6Page - E-CMOS Corporation EC2621NNT1GR Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EC2621
Micropower CMOS Output Hall Effect Switch
E-CMOS Corp. (www.ecmos.com.tw))
Page 4 of 7
5F08N-Rev. F006
Electrical Specifications
DC Operating Parameters:TA=25℃, VDD=1.8V
Magnetic Specifications
DC Operating Parameters:TA=25℃, VDD=1.8V
Output Behavior versus Magnetic Polar
DC Operating Parameters:TA = -40 to 85℃, VDD =1.8V to 3.5V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage,(VDD)
Operating
1.65
3.5
V
Supply Current,(IDD)
Awake State
1.4
3
mA
Sleep State
3.6
7
μA
Average
5
10
μA
Output Leakage Current,(Ioff)
Output off
1
uA
Output High Voltage,(VOH)
IOUT=0.5mA(Source)
VDD-
0.12
V
Output Low Voltage,(VOL)
IOUT=0.5mA(Sink)
0.12
V
Awake mode time,(TAW)
Operating
40
80
uS
Sleep mode time,(TSL)
Operating
40
80
mS
Duty Cycle,(D,C)
0.1
%
Electro-Static Discharge
HBM
4
KV
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operating
Point
BOPS
S pole to branded side, B > BOP, Vout On
30
55
Gauss
BOPN
N pole to branded side, B > BOP, Vout On
-55
-30
Gauss
Release
Point
BRPS
S pole to branded side, B < BRP, Vout Off
10
20
Gauss
BRPN
N pole to branded side, B < BRP, Vout Off
-20
-10
Gauss
Hysteresis
BHYS
|BOPx - BRPx|
10
Gauss
Parameter
Test condition
OUT(TSOT23-3L)
Test condition
OUT(SOT553)
South pole
B<Bop[(-55)~(-10)]
Low
B<Bop[(-55)~(-10)]
Low
Null or weak magnetic field
B=0 or B < BRP
High
B=0 or B < BRP
High
North pole
B>Bop(55~10)
Low
B>Bop(55~10)
Low
Parameter
Test condition
OUT(TSOT23-3L)
Test condition
OUT(SOT553)
South pole
B<Bop[(-55)~(-10)]
Low
B<Bop[(-55)~(-10)]
Low


Similar Part No. - EC2621NNT1GR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC2620ETTS-40.000M ECLIPTEK-EC2620ETTS-40.000M Datasheet
179Kb / 3P
   OSCILLATOR
EC2620ETTS-40.000MTR ECLIPTEK-EC2620ETTS-40.000MTR Datasheet
179Kb / 3P
   OSCILLATOR
EC2620ETTS-40000M ECLIPTEK-EC2620ETTS-40000M Datasheet
179Kb / 3P
   OSCILLATOR
EC2620ETTS-40000MTR ECLIPTEK-EC2620ETTS-40000MTR Datasheet
179Kb / 3P
   OSCILLATOR
EC2620ETTTS-40.000M ECLIPTEK-EC2620ETTTS-40.000M Datasheet
179Kb / 3P
   OSCILLATOR
More results

Similar Description - EC2621NNT1GR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251_14 Datasheet
419Kb / 8P
   Micropower CMOS Output Hall Effect Switch
TSH251 TSC-TSH251 Datasheet
415Kb / 8P
   Micropower CMOS Output Hall Effect Switch
logo
E-CMOS Corporation
EC2622 E-CMOS-EC2622 Datasheet
303Kb / 6P
   Micropower CMOS Output Hall Effect Switch
logo
Shaoxing Devechip Micro...
SDC212 SDC-SDC212 Datasheet
452Kb / 10P
   MicroPower Hall-Effect Switch
SDC1215 SDC-SDC1215 Datasheet
555Kb / 10P
   MicroPower Hall-Effect Switch
SDC213 SDC-SDC213 Datasheet
432Kb / 10P
   MicroPower Hall-Effect Switch
SDC8312 SDC-SDC8312 Datasheet
279Kb / 7P
   MicroPower Hall-Effect Switch
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Major-Power Technology ...
MA7030N MPOWER-MA7030N Datasheet
129Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com