Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2960NNMHR Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC2960NNMHR
Description  Source and Shink 1.5A/2A Fast Transient Response Line Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2960NNMHR Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC2960NNMHR Datasheet HTML 1Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 2Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 3Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 4Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 5Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 6Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 7Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 8Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Source and Shink 1.5A/2A Fast Transient
Response Line Regulator
EC2960
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 13
4H19N-Rev.F00F
Absolute Maximum Ratings
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
VCNTL Supply Voltage(VCNTL to GND)
VCNTL
-0.3 to 7
V
VIN Supply voltage(VIN to GND)
VIN
-0.3 to 7
V
VREF Input Voltage(VREF to GND)
VREF
-0.3 to 7
V
VOUT Output Voltage(VOUT to GND)
VOUT
-0.3 to Vin+0.3
V
Power Dissipation
PD
Internally Limited
mW
Operating Junction Temperature
TJ
150
Storage Temperature
TSTG
-65 to 150
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ESD (HBM)
2000
V
MSL
Level3
Thermal Resistance-Junction to Ambient
R
θJA
55
℃ / W
Thermal Resistance-Junction to Case
R
θJC
20
℃ / W
Parameter
Symbol
Min.
Max.
Unit
VCNTL Supply Voltage
VCNTL
3
5.5
V
VIN Supply Voltage
VIN
1.2
5.5
V
VREF Input
Voltage
VREF
0.6
VCNTL-2.2
V
VOUT Output Voltage
VOUT
VREF±0.02
V
VOUT Output Current(EC2960)
IOUT
-1.5
1.5
A
VOUT Output Current(EC2960A)
-2
2
Capacitance of Input Capacitor
CIN
10
100
uF
Equivalent Series Resistor(ESR) of Input Capacitor
0
200
Capacitance of Output Multi-layer Ceramic
Capacitor(MLCC)
COUT
8
47
uF
Total Output Capacitance
10
330
uF
Operating Junction Temperature
TJ
-40
125
Operating Ambient Temperature
TA
-40
85


Similar Part No. - EC2960NNMHR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC29 ECLIPTEK-EC29 Datasheet
202Kb / 3P
   OSCILLATOR
EC2900ETTS-30.000M ECLIPTEK-EC2900ETTS-30.000M Datasheet
202Kb / 3P
   OSCILLATOR
EC2900ETTS-30.000MTR ECLIPTEK-EC2900ETTS-30.000MTR Datasheet
202Kb / 3P
   OSCILLATOR
EC2900ETTS-30000M ECLIPTEK-EC2900ETTS-30000M Datasheet
202Kb / 3P
   OSCILLATOR
EC2900ETTS-30000MTR ECLIPTEK-EC2900ETTS-30000MTR Datasheet
202Kb / 3P
   OSCILLATOR
More results

Similar Description - EC2960NNMHR

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD5860 TECHCODE-TD5860 Datasheet
646Kb / 14P
   Source and Sink 1.5A/2A Fast Transient Response Line Regulator
logo
Anpec Electronics Corop...
APL5336 ANPEC-APL5336 Datasheet
709Kb / 18P
   Source and Sink, 1.5A, Fast Transient Response Linear Regulator
APL5337 ANPEC-APL5337 Datasheet
600Kb / 18P
   Source and Sink, 2A, Fast Transient Response Linear Regulator
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
EV20046DN-00A MPS-EV20046DN-00A Datasheet
114Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
EV20046DQ-00A MPS-EV20046DQ-00A Datasheet
194Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
logo
Linear Technology
LT1963EFE LINER-LT1963EFE Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com