Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC4213 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC4213
Description  Constant Current N-Channel MOSFET Linear LED Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4213 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC4213 Datasheet HTML 1Page - E-CMOS Corporation EC4213 Datasheet HTML 2Page - E-CMOS Corporation EC4213 Datasheet HTML 3Page - E-CMOS Corporation EC4213 Datasheet HTML 4Page - E-CMOS Corporation EC4213 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EC4213
Constant Current N-Channel MOSFET
Linear LED Controller
E-CMOS Corp. (www.ecmos.com.tw)
4H22N Rev. F002
2/5
1
2
3
SOP10
4
10
9
8
7
5
6
REXT
VO
VCS
GND
VIN
DIM
NTC
VFF
LEDS
VS
ABSOLUTE MAXIMUM RATINGS
VIN Supply Voltage................................................... 550V
VFF, DIM, Vs, NTC, LEDS, REXT, VCS, VO Operation
Voltage........................................................................ 6V
Operating Tempera
ture………………… -40°C to +125°C
Storage Temperature
…………………… -55°C to +150°C
Maximum Die Temperature
………………………. +150°C
Lead Te
mperature……………………………….… +260°C
ESD HBM Voltage HV Pin
…………………….....… 1.2kV
ESD HBM Voltage LV Pin
……………………......… 3.5kV
ESD M
M Voltage……………………………….….… 350V
PIN CONFIGURATION
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. Continuous operation of the device at the absolute rating
level may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristic
VIN
Operation Voltage
25
500
V
ILED
Current Regulation (Note 1)
VIN=25Vdc, REXT=6Ω
95
100
105
mA
VIN=25Vdc, REXT=2Ω
285
300
315
mA
IQ
Quiescent Current (Note 2)
VIN=20Vdc, REXT=Open
300
µA
VREF
Reference Voltage
0.6
V
VS
External Reference Voltage
1.21
V
VDIM-H
DIM PIN High Threshold
VDIM Rising
1.4
V
VDIM-L
DIM PIN Low Threshold
VDIM Falling
0.4
V
Thermal Characteristic
△VREF(T)
VREF Temperature Coefficient
TA=-40°C ~125°C
0.01
%/℃
TA
Operating Temperature
-40
125
PD
Total Power Dissipation (Operation)
1
W
RΘJA
Thermal Resistance
SOP10 Package
140
℃/W
Protection
LEDs
LED Short Protection
0.64
V
OTPNTC
0.3
V
TFPNTC
Thermal Foldback Protection
0.5
V
Note:
1. ILED=0.6/REXT, VFF=0V, DIM=0V, LEDS=0V, NTC pin is connected to VS pin.
2. VFF=0V, DIM=0V, LEDS=0V, NTC pin is connected to VS pin.


Similar Part No. - EC4213

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
EC4211NNA5R E-CMOS-EC4211NNA5R Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
EC4211NNF2R E-CMOS-EC4211NNF2R Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
EC4211NNMHR E-CMOS-EC4211NNMHR Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
More results

Similar Description - EC4213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
   N-Channel Controller for Constant Current LED Drivers
logo
Shenzhen Huazhimei Semi...
HM7506 HMSEMI-HM7506 Datasheet
411Kb / 5P
   Programmable linear constant current controller
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
[Old version datasheet]   LM3429Q1 N-Channel Controller for Constant Current LED Drivers
logo
Shenzhen Huazhimei Semi...
HM7152 HMSEMI-HM7152 Datasheet
758Kb / 8P
   Single channel high voltage linear constant current controller
logo
Diodes Incorporated
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
   Linear Constant - Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
   Linear Constant - Current LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com