Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC42151NNF2R Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC42151NNF2R
Description  Constant Current LED Driver with PWM Dimming
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC42151NNF2R Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC42151NNF2R Datasheet HTML 1Page - E-CMOS Corporation EC42151NNF2R Datasheet HTML 2Page - E-CMOS Corporation EC42151NNF2R Datasheet HTML 3Page - E-CMOS Corporation EC42151NNF2R Datasheet HTML 4Page - E-CMOS Corporation EC42151NNF2R Datasheet HTML 5Page - E-CMOS Corporation EC42151NNF2R Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC4215
Constant Current LED Driver with
PWM Dimming
E-CMOS Corp. (www.ecmos.com.tw)
3D08N Rev. F001
2/6
DFN-8L
REXT
VIN
Thermal
PAD
1
2
3
4
5
6
7
8 LED
VFF
DIM
GND
GND
GND
ABSOLUTE MAXIMUM RATINGS
VIN, LED Supply Voltage......................................... 550V
VFF, REXT, DIM Operation Voltage................................ 6V
Operating Tempera
ture………………… -40°C to +125°C
Storage Temperature
…………………… -55°C to +150°C
Maximum Die Temperature
………………………. +150°C
Lead Te
mperature……………………………….… +260°C
ESD HBM Voltage HV Pin
…………………….....… 1.2kV
ESD HBM Voltage LV Pin
……………………......… 3.5kV
ESD M
M Voltage……………………………….…..… 250V
PIN CONFIGURATION
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. Continuous operation of the device at the absolute rating
level may affect device reliability.
Ordering Information
Part No.
Package Type
Marking Information
Remark
EC42151NNF2R
DFN-8L
EC4215
LLLLL
YYWWT
YYWW :Date Code
LLLLL:Lot No
T:internal tracking code
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristic
VIN
Operation Voltage
25
500
V
ILED
Current Regulation (Note 1)
VIN=25Vdc, REXT=15Ω
38
40
42
mA
VIN=25Vdc, REXT=30Ω
19
20
21
mA
ILED(MAX)
Maximum Current Regulation
VDROP≧16V (Note 2)
120
mA
IQ
Quiescent Current
VIN=25Vdc, REXT=Open
150
µA
VREF
Reference Voltage (Note 3)
0.6
V
VDROP(MAX)
Maximum Dropout Voltage (Note 4)
VIN= 265Vac, REXT=30Ω, VLED=220V
170
V
VDIM-H
DIM PIN High Threshold
VDIM Rising
1.4
V
VDIM-L
DIM PIN Low Threshold
VDIM Falling
0.4
V
Thermal Characteristic
△VREF(T)
VREF Temperature Coefficient
TA=-40°C ~125°C
0.01
%/℃
TA
Operating Temperature
-40
125
PD
Total Power Dissipation (Operation)
1
W
RΘJA
Thermal Resistance
DFN-8L Package
33.2
℃/W
Protection
OCP
Over Current Protection
180
mA
OTP
Over Temperature Protection
150
TFP
Thermal Foldback Protection
100
Note:
1. ILED=0.6/REXT, VFF=0V, DIM=0V, LED=25V
2. VDROP=VIN-VLED, PD<1W (No heat sink)
3. VREF=V(REXT), VFF=0V, DIM=0V
4. The current regulation is for an instantaneous AC line input current only, not to exceed thermal characteristics of package.
TOP View
Fig. 2
Detailed
Bloam


Similar Part No. - EC42151NNF2R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
EC4211NNA5R E-CMOS-EC4211NNA5R Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
EC4211NNF2R E-CMOS-EC4211NNF2R Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
EC4211NNMHR E-CMOS-EC4211NNMHR Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
EC4213 E-CMOS-EC4213 Datasheet
288Kb / 5P
   Constant Current N-Channel MOSFET Linear LED Controller
More results

Similar Description - EC42151NNF2R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
   PWM dimming linear buck LED constant current driver
HM7237 HMSEMI-HM7237 Datasheet
395Kb / 6P
   PWM dimming linear buck LED constant current driver
HM3342 HMSEMI-HM3342 Datasheet
779Kb / 11P
   high-frequency PWM dimming LED constant current driver chip
logo
ON Semiconductor
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
CAT4109 ONSEMI-CAT4109 Datasheet
163Kb / 12P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
March, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com