Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ6912 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OZ6912
Description  Single-Slot ACPI CardBus Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ6912 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OZ6912 Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ6912 Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ6912 Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ6912 Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ6912 Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ6912 Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ6912 Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ6912 Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ6912 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
OZ6912
OZ6912-SF-1.5
Page 5
Pin List
Bold Text = Normal Default Pin Name
PCI Bus Interface Pins
Pin Number
Pin Name
Description
LQFP
BGA
Input
Type
Power
Rail
Drive
AD[31:0]
PCI Bus Address/Data: These pins connect to
PCI bus signals AD[31:0]. A Bus transaction
consists of an address phase followed by one or
more data phases.
3-5, 7-11, 15-
17, 19, 23-26,
38-41, 43, 45-
47, 49, 51-57
C2, C1, D4, D2,
D1, E4, E3, E2,
F2, F1, G2, G3,
H3, H4, J1, J2,
N2, M3, N3,
K4, M4, K5, L5,
M5, K6, M6,
N6, M7, N7, L7,
K7, N8
TTL
I/O
PCI_Vcc
PCI
Spec
C/BE[3:0]#
PCI
Bus
Command
/
Byte
Enable:
The
command
signaling
and
byte
enables
are
multiplexed on the same pins. During the address
phase of a transaction, C/BE[3:0]# are interpreted
as the bus commands. During the data phase,
C/BE[3:0]# are interpreted as byte enables. The
byte enables are to be valid for the entirety of
each data phase, and they indicate which bytes in
the 32-bit data path are to carry meaningful data
for the current data phase.
12, 27, 37, 48
E1, J3, N1, N5
TTL
I/O
PCI_Vcc
PCI
Spec
FRAME#
Cycle Frame: This signal indicates to the OZ6912
that a bus transaction is beginning.
While
FRAME# is asserted, data transfers continue.
When FRAME# is de-asserted, the transaction is
in its final phase.
28
J4
TTL
I/O
PCI_Vcc
PCI
Spec
IRDY#
Initiator Ready: This signal indicates the initiating
agent’s ability to complete the current data phase
of the transaction. IRDY# is used in conjunction
with TRDY#.
29
K1
TTL
I/O
PCI_Vcc
PCI
Spec
TRDY#
Target
Ready:
This
signal
indicates
target
Agent's the OZ6912’s ability to complete the
current data phase of the transaction. TRDY# is
used in conjunction with IRDY#.
31
K3
TTL
I/O
PCI_Vcc
PCI
Spec
STOP#
Stop: This signal indicates the current target is
requesting
the
master
to
stop
the
current
transaction.
33
L2
TTL
I/O
PCI_Vcc
PCI
Spec
IDSEL
Initialization Device Select: This input is used as
chip select during configuration read and write
transactions.
This is a point-to-point signal.
IDSEL can be used as a chip select during
configuration read and write transactions.
13
F4
TTL
I
PCI_Vcc
PCI
Spec
DEVSEL#
Device Select: This signal is driven active LOW
when
the
PCI
address
is
recognized
as
supported, thereby acting as the target for the
current PCI cycle. The Target must respond
before timeout occurs or the cycle will terminate.
32
L1
TTL
I/O
PCI_Vcc
PCI
Spec
PERR#
Parity Error: The output is driven active LOW
when a data parity error is detected during a write
phase.
34
L3
-
TO
PCI_Vcc
PCI
Spec
SERR#
System Error: This output is driven active LOW
to indicate an address parity error.
35
M1
-
TO
PCI_Vcc
PCI
Spec


Similar Part No. - OZ6912

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
OZ6933B ETC-OZ6933B Datasheet
126Kb / 15P
   ACPI CardBus Controller
OZ6933T ETC-OZ6933T Datasheet
126Kb / 15P
   ACPI CardBus Controller
More results

Similar Description - OZ6912

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
logo
Micrel Semiconductor
MIC2566 MICREL-MIC2566 Datasheet
83Kb / 10P
   Single-Slot PC Card/CardBus Power Controller
logo
MIC GROUP RECTIFIERS
MIC2566 MIC-MIC2566_11 Datasheet
84Kb / 10P
   Single-Slot PC Card/CardBus Power Controller Preliminary
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Texas Instruments
PCI1512 TI-PCI1512 Datasheet
31Kb / 3P
[Old version datasheet]   CardBus Controller
PCI1512 TI1-PCI1512_09 Datasheet
129Kb / 5P
[Old version datasheet]   CardBus Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com