Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ6912B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OZ6912B
Description  Single-Slot ACPI CardBus Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ6912B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OZ6912B Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ6912B Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ6912B Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ6912B Datasheet HTML 9Page - List of Unclassifed Manufacturers OZ6912B Datasheet HTML 10Page - List of Unclassifed Manufacturers OZ6912B Datasheet HTML 11Page - List of Unclassifed Manufacturers OZ6912B Datasheet HTML 12Page - List of Unclassifed Manufacturers OZ6912B Datasheet HTML 13Page - List of Unclassifed Manufacturers OZ6912B Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
OZ6912
OZ6912-SF-1.5
Page 11
Pin Number
Pin Name
Description
LQFP
BGA
Input
Type
Power
Rail
Drive
RESET/
CRST#
Reset: This active high output resets the card.
To prevent reset glitches, this signal is high-
impedance unless a card is seated in the
socket, card power is applied, and the card’s
interface signals are enabled.
CardBus Reset: In CardBus mode, this pin is
the CRST# output.
119
B9
TTL
TO
Socket
_Vcc
CardBus
spec.
BVD2/SPKR#/
LED/CAUDIO
Battery Voltage Detect 2 / Speaker / LED: In
Memory mode, this input serves as the BVD2
(battery warning status) input. In I/O mode, this
input can be configured as the card’s SPKR#
audio input or drive-active LED input.
CardBus Audio: In CardBus mode, this pin is
the CAUDIO input.
134
B5
-
I-PU
Socket
_Vcc
-
BVD1/
STSCHG#/RI#
/CSTSCHG
Battery Voltage Detect 1 / Status Change /
Ring Indicate: In Memory mode, this is the
BVD1 (battery-dead status) input. In I/O mode,
this is the STSCHG# input indicating that the
card’s internal status has changed, or the ring
indicates
input
for wakeup-on-ring system
power management support. See bit 7 of the
Interrupt and General Control register (03h).
CardBus Status Change: In CardBus mode,
this pin is the CSTSCHG. This pin can be used
to generate PME#.
135
C5
-
I-PU
Socket
_Vcc
-
VS[2:1]/
CVS[2:1]
Voltage Sense: These pins are used in
conjunction with CD[2:1] to determine the type
and voltage of a card. These pins are internally
pulled high to AUX_VCC. See Table 1.
CardBus Voltage Sense: In CardBus mode,
these pins are the CVS[2:1] pins.
117, 131
D9, C6
TTL
I/O-PU
Aux_Vcc
CardBus
spec.
SOCKET_VCC
Socket Power: These pins are the power rail
input for the socket interface control logic.
These pins can be 0, 3.3, or 5 V,. The socket
interface outputs will operate at the voltage
applied to these pins.
90, 126
G13, A7
-
PWR
-
-


Similar Part No. - OZ6912B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
OZ6933B ETC-OZ6933B Datasheet
126Kb / 15P
   ACPI CardBus Controller
OZ6933T ETC-OZ6933T Datasheet
126Kb / 15P
   ACPI CardBus Controller
More results

Similar Description - OZ6912B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
logo
Micrel Semiconductor
MIC2566 MICREL-MIC2566 Datasheet
83Kb / 10P
   Single-Slot PC Card/CardBus Power Controller
logo
MIC GROUP RECTIFIERS
MIC2566 MIC-MIC2566_11 Datasheet
84Kb / 10P
   Single-Slot PC Card/CardBus Power Controller Preliminary
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Texas Instruments
PCI1512 TI-PCI1512 Datasheet
31Kb / 3P
[Old version datasheet]   CardBus Controller
PCI1512 TI1-PCI1512_09 Datasheet
129Kb / 5P
[Old version datasheet]   CardBus Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com