Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82CF201BDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P82CF201BDH
Description  Low power, low price dual fan manager
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82CF201BDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P82CF201BDH Datasheet HTML 3Page - NXP Semiconductors P82CF201BDH Datasheet HTML 4Page - NXP Semiconductors P82CF201BDH Datasheet HTML 5Page - NXP Semiconductors P82CF201BDH Datasheet HTML 6Page - NXP Semiconductors P82CF201BDH Datasheet HTML 7Page - NXP Semiconductors P82CF201BDH Datasheet HTML 8Page - NXP Semiconductors P82CF201BDH Datasheet HTML 9Page - NXP Semiconductors P82CF201BDH Datasheet HTML 10Page - NXP Semiconductors P82CF201BDH Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product data
P82CF201
Low power, low price dual fan manager
2002 Nov 18
7
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNIT
Operating temperature under bias
–55 to +125
°C
Storage temperature range
–65 to +150
°C
Voltage on any other pin to VSS
–0.5 to 5.5 V
V
Maximum IOL per I/O pin
20
mA
Power dissipation (based on package heat transfer, not device power consumption)
1.5
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification are not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
4. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
DC ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 5.5 V unless otherwise specified; Tamb = 0 °C to +70 °C, unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
IDD
Power supply current operating current
PWM =off, no fault
3.0 V < VDD < 5.5 V
2.2
5.5
mA
VIL
Input LOW voltage (TTL input) all
Rsense
4.0 V < VDD < 5.5 V
–0.5
0.2 VDD–0.1
V
3.0 V < VDD < 4.0 V
–0.5
0.7
V
VIH
Input HIGH voltage (TTL input) all
Rsense
0.2 VDD+0.9
VDD+0.5
V
VOL
Output LOW voltage all fan drive pins
IOL=3.2 mA, VDD=3.0 V
0.4
V
VOL1
Output LOW voltage all fan drive pins
IOL=20 mA, VDD=3.0 V
1.0
V
VOH
Output HIGH voltage all fan drive pins
IOH=-20 µA, VDD=3.0 V
VDD–0.7 V
V
IOH=-30 µA, VDD=4.5 V
VDD–0.7 V
V
VOH1
Output HIGH voltage all fan drive pins
IOH1=-1.0 mA,
VDD=3.0 V
VDD–0.7 V
V
CIO
Input/Output pin capacitance
15
pF
IIL
Logical 0 input current, all Rsense
VIN = 0.4 V
-50
µA
ILI
Input leakage current, all Rsense,
RthermC, RThermDrive, RrefC and
RrefCDrive
VIN = VIL or VIH
±2
µA
IBOLOW
Brownout trip voltage with BOV=1
2.35
2.69
V
COMPARATOR (RTHERMC AND RREFC) ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 5.5 V unless otherwise specified; Tamb = 0 °C to +70 °C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
VIO
Offset voltage comparator inputs1
±10
mV
VCR
Common mode range comparator
inputs
0
VDD–0.3
V
IIL
Input leakage current, comparator
0 < VIN < VDD
±10
µA
NOTE:
1. This parameter is guaranteed by characterization but not tested in production.


Similar Part No. - P82CF201BDH

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
P82C NORGREN-P82C Datasheet
1Mb / 9P
   P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
logo
NXP Semiconductors
P82C150 PHILIPS-P82C150 Datasheet
209Kb / 36P
   CAN Serial Linked I/O device SLIO with digital and analog port functions
1996 Jun 19
P82C150AFT PHILIPS-P82C150AFT Datasheet
209Kb / 36P
   CAN Serial Linked I/O device SLIO with digital and analog port functions
1996 Jun 19
P82C150AHT PHILIPS-P82C150AHT Datasheet
209Kb / 36P
   CAN Serial Linked I/O device SLIO with digital and analog port functions
1996 Jun 19
logo
List of Unclassifed Man...
P82C206 ETC-P82C206 Datasheet
4Mb / 79P
   NEW ENHANCED AT DATA BOOK
More results

Similar Description - P82CF201BDH

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZC-7F DBLECTRO-JZC-7F Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
logo
Nihon Inter Electronics...
10ERB40 NIEC-10ERB40 Datasheet
59Kb / 5P
   Fast Recovery and Low Price Diode
logo
HuaXinAn Electronics CO...
N40992C HUAXINAN-N40992C Datasheet
502Kb / 1P
   Small size, light weight, Low price
logo
Texas Instruments
UCC39161 TI-UCC39161 Datasheet
258Kb / 4P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
UCC39161 TI1-UCC39161_10 Datasheet
150Kb / 6P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
logo
NXP Semiconductors
P87LPC759 PHILIPS-P87LPC759 Datasheet
168Kb / 38P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 21
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
logo
HuaXinAn Electronics CO...
N40992A HUAXINAN-N40992A Datasheet
502Kb / 1P
   Small size, light weight, Low price
N40992B HUAXINAN-N40992B Datasheet
502Kb / 1P
   Small size, light weight, Low price
logo
NXP Semiconductors
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
   Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com