Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB9.1AT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # P6SMB9.1AT3
Description  600 Watt Peak Power Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P6SMB9.1AT3 Datasheet(HTML) 7 Page - ON Semiconductor

  P6SMB9.1AT3 Datasheet HTML 1Page - ON Semiconductor P6SMB9.1AT3 Datasheet HTML 2Page - ON Semiconductor P6SMB9.1AT3 Datasheet HTML 3Page - ON Semiconductor P6SMB9.1AT3 Datasheet HTML 4Page - ON Semiconductor P6SMB9.1AT3 Datasheet HTML 5Page - ON Semiconductor P6SMB9.1AT3 Datasheet HTML 6Page - ON Semiconductor P6SMB9.1AT3 Datasheet HTML 7Page - ON Semiconductor P6SMB9.1AT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
P6SMB6.8AT3 Series
http://onsemi.com
7
OUTLINE DIMENSIONS
600 Watt Peak Power
Transient Voltage Suppressors – Surface Mounted
SMB
DO–214AA
CASE 403A–03
ISSUE D
SMB Footprint
A
S
D
B
J
P
K
C
H
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. D DIMENSION SHALL BE MEASURED WITHIN
DIMENSION P.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.160
0.180
4.06
4.57
B
0.130
0.150
3.30
3.81
C
0.075
0.095
1.90
2.41
D
0.077
0.083
1.96
2.11
H 0.0020 0.0060
0.051
0.152
J
0.006
0.012
0.15
0.30
K
0.030
0.050
0.76
1.27
P
0.020 REF
0.51 REF
S
0.205
0.220
5.21
5.59
mm
inches
0.085
2.159
0.108
2.743
0.089
2.261


Similar Part No. - P6SMB9.1AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6SMB9.1AT3 ONSEMI-P6SMB9.1AT3 Datasheet
70Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
P6SMB9.1AT3G ONSEMI-P6SMB9.1AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB9.1AT3G ONSEMI-P6SMB9.1AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
More results

Similar Description - P6SMB9.1AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB5.0AT3G ONSEMI-1SMB5.0AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB28AT3G ONSEMI-SZ1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB11CAT3 ONSEMI-P6SMB11CAT3 Datasheet
71Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com