Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS8110T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS8110T
Description  100 V, 1 A NPN low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS8110T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBSS8110T Datasheet HTML 2Page - NXP Semiconductors PBSS8110T Datasheet HTML 3Page - NXP Semiconductors PBSS8110T Datasheet HTML 4Page - NXP Semiconductors PBSS8110T Datasheet HTML 5Page - NXP Semiconductors PBSS8110T Datasheet HTML 6Page - NXP Semiconductors PBSS8110T Datasheet HTML 7Page - NXP Semiconductors PBSS8110T Datasheet HTML 8Page - NXP Semiconductors PBSS8110T Datasheet HTML 9Page - NXP Semiconductors PBSS8110T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2003 Dec 22
6
Philips Semiconductors
Product specification
100 V, 1 A
NPN low VCEsat (BISS) transistor
PBSS8110T
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 80 V; IE =0
−−
100
nA
VCB = 80 V; IE = 0; Tj = 150 °C
−−
50
µA
ICES
collector-emitter cut-off current
VCE = 80 V; VBE =0
−−
100
nA
IEBO
emitter-base cut-off current
VEB =4V; IC =0
−−
100
nA
hFE
DC current gain
VCE = 10 V; IC =1mA
150
−−
VCE = 10 V; IC = 250 mA
150
500
VCE = 10 V; IC = 500 mA; note 1
100
−−
VCE = 10 V; IC = 1 A; note 1
80
−−
VCEsat
collector-emitter saturation voltage
IC = 100 mA; IB =10mA
−−
40
mV
IC = 500 mA; IB =50mA
−−
120
mV
IC = 1 A; IB = 100 mA; note 1
−−
200
mV
RCEsat
equivalent on-resistance
IC = 1 A; IB = 100 mA; note 1
165
200
m
VBEsat
base-emitter saturation voltage
IC = 1 A; IB = 100 mA
−−
1.05
V
VBEon
base-emitter turn-on voltage
VCE = 10 V; IC =1A
−−
0.9
V
fT
transition frequency
IC = 50 mA; VCE =10V;
f = 100 MHz
100
−−
MHz
Cc
collector capacitance
VCB = 10 V; IE =Ie = 0; f = 1 MHz
−−
7.5
pF


Similar Part No. - PBSS8110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110T PHILIPS-PBSS8110T Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS8110T NXP-PBSS8110T Datasheet
202Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22
logo
Nexperia B.V. All right...
PBSS8110T NEXPERIA-PBSS8110T Datasheet
1Mb / 13P
   100 V, 1 A NPN low VCEsat transistor
1 January 2023
PBSS8110T-Q NEXPERIA-PBSS8110T-Q Datasheet
281Kb / 13P
   100 V, 1 A NPN low VCEsat transistor
13 May 2022
logo
NXP Semiconductors
PBSS8110T PHILIPS-PBSS8110T_15 Datasheet
202Kb / 12P
   NPN low VCEsat (BISS) transistor 100 V, 1 A
2003 Dec 22
More results

Similar Description - PBSS8110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110Z PHILIPS-PBSS8110Z Datasheet
104Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-26 April 2004
PBSS8110X PHILIPS-PBSS8110X Datasheet
148Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005
logo
Nexperia B.V. All right...
PBSS8110D NEXPERIA-PBSS8110D Datasheet
286Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS8110Y NEXPERIA-PBSS8110Y Datasheet
299Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009
logo
NXP Semiconductors
PBSS8110D NXP-PBSS8110D Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X NXP-PBSS8110X Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110Y NXP-PBSS8110Y Datasheet
185Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-21 November 2009
PBSS8110Z NXP-PBSS8110Z Datasheet
154Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 January 2007
PBSS8110D PHILIPS-PBSS8110D_15 Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X PHILIPS-PBSS8110X_15 Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com