Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC107AMZFU100LC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # PC107AMZFU100LC
Description  PCI Bridge Memory Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC107AMZFU100LC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button PC107AMZFU100LC Datasheet HTML 3Page - ATMEL Corporation PC107AMZFU100LC Datasheet HTML 4Page - ATMEL Corporation PC107AMZFU100LC Datasheet HTML 5Page - ATMEL Corporation PC107AMZFU100LC Datasheet HTML 6Page - ATMEL Corporation PC107AMZFU100LC Datasheet HTML 7Page - ATMEL Corporation PC107AMZFU100LC Datasheet HTML 8Page - ATMEL Corporation PC107AMZFU100LC Datasheet HTML 9Page - ATMEL Corporation PC107AMZFU100LC Datasheet HTML 10Page - ATMEL Corporation PC107AMZFU100LC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
PC107A [Preliminary]
2137C–HIREL–03/04
RCS3
D7
Output
GV
DD
DRV_MEM_ADDR
SDBA0
A9
Output
GVDD
DRV_MEM_ADDR
(1)(2)
SDBA1
A8
Output
GV
DD
DRV_MEM_ADDR
SDCAS
D4
Output
GVDD
DRV_MEM_ADDR
(1)
SDMA[13–0]
E10, F9, D9, F8, E8, D8, B8, E7, C7,
B7, A7, B6, A6, A5
Output
GVDD
DRV_MEM_ADDR
(4)(5)
SDRAS
B4
Output
GVDD
DRV_MEM_ADDR
(1)
WE
A3
Output
GVDD
DRV_MEM_ADDR
EPIC Control Signals
INT
Y22
Output
OVDD
DRV_CPU
(16)
IRQ_0 / S_INT
U24
Input
OVDD
IRQ_1 / S_CLK
C24
I/O
OV
DD
DRV_PCI
IRQ_2 / S_RST
T21
I/O
OVDD
DRV_PCI
IRQ_3 / S_FRAME
U20
I/O
OVDD
DRV_PCI
IRQ_4/ L_INT
V22
I/O
OV
DD
DRV_PCI
Two-wire Interface Control Signals
SCL
AB25
I/O
OVDD
DRV_CPU
(8)(12)
SDA
AB24
I/O
OV
DD
DRV_CPU
(8)(12)
Clock Signals
CKO
V20
Output
OV
DD
DRV_PCI
CPU_CLK[0–2]
AA12, AA13, AB12
Output
BV
DD
DRV_MEM_ADDR
(4)
OSC_IN
U22
Input
OVDD
PCI_CLK[0–4]
R25, P24, R24, N24, N25
Output
OV
DD
DRV_MEM_ADDR
(4)
PCI_SYNC_IN
P20
Input
OV
DD
PCI_SYNC_OUT
P25
Output
OVDD
DRV_MEM_ADDR
SDRAM_CLK[0–3]
D14, D13, E12, E14
Output
GV
DD
DRV_MEM_ADDR
(4)
SDRAM_SYNC_IN
E13
Input
GV
DD
SDRAM_SYNC_OUT
D12
Output
GVDD
DRV_MEM_ADDR
Miscellaneous Signals
HRESET
AA23
Input
OV
DD
HRESET_CPU
AB21
Output
BVDD
DRV_CPU
(10)(12)
MCP
AE20
Output
OV
DD
DRV_CPU
(12)(16)
NMI
AC25
Input
OVDD
QACK
AE18
Output
BVDD
DRV_CPU
(10)
QREQ
M4
Input
BV
DD
SRESET
Y18
Output
BVDD
DRV_CPU
(10)
Table 1. PC107A Pinout Listing (Continued)
Signal Name
Package Pin Number
Pin Type
Supply
Voltage
Output Driver Type
Notes


Similar Part No. - PC107AMZFU100LC

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
PC10 MAXWELL-PC10 Datasheet
874Kb / 4P
   PC SERIES ULTRACAPACITORS
PC10 MAXWELL-PC10 Datasheet
1Mb / 5P
   PC SERIES ULTRACAPACITORS
logo
Picker Components
PC10 PICKER-PC10 Datasheet
522Kb / 3P
   50 Amp Latching PCB Relay
logo
Total Power Internation...
PC10 TOTAL-POWER-PC10 Datasheet
129Kb / 2P
   NEW PC 104 POWER SUPPLY
logo
Superworld Electronics
PC10-1000 SUPERWORLD-PC10-1000 Datasheet
110Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - PC107AMZFU100LC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC106 MOTOROLA-MPC106 Datasheet
142Kb / 28P
   PCI Bridge/Memory Controller
logo
NXP Semiconductors
MPC105 NXP-MPC105 Datasheet
422Kb / 24P
   MPC105 PCI Bridge/Memory Controller Hardware Specifications
5/95
MPC106EC NXP-MPC106EC Datasheet
443Kb / 28P
   MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
logo
Intel Corporation
82434LX INTEL-82434LX Datasheet
2Mb / 191P
   PCI, CACHE AND MEMORY CONTROLLER PCMC
logo
Texas Instruments
PCI2040 TI-PCI2040 Datasheet
308Kb / 79P
[Old version datasheet]   PCI2040 PCI-DSP Bridge controller
PCI2040PGE TI-PCI2040PGE Datasheet
292Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
PCI2040 TI1-PCI2040_06 Datasheet
319Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
logo
NXP Semiconductors
UCB1500 PHILIPS-UCB1500 Datasheet
1,001Kb / 58P
   PCI to AC97 bridge/host controller
Rev. 01 -4 February 2000
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
   PCI to SD Memory Card / SmartMedia??Interface Controller
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com