Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH2625L Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PH2625L
Description  N-channel TrenchMOS-TM logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH2625L Datasheet(HTML) 2 Page - NXP Semiconductors

  PH2625L Datasheet HTML 1Page - NXP Semiconductors PH2625L Datasheet HTML 2Page - NXP Semiconductors PH2625L Datasheet HTML 3Page - NXP Semiconductors PH2625L Datasheet HTML 4Page - NXP Semiconductors PH2625L Datasheet HTML 5Page - NXP Semiconductors PH2625L Datasheet HTML 6Page - NXP Semiconductors PH2625L Datasheet HTML 7Page - NXP Semiconductors PH2625L Datasheet HTML 8Page - NXP Semiconductors PH2625L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
9397 750 14324
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 02 — 24 February 2005
2 of 13
Philips Semiconductors
PH2625L
N-channel TrenchMOS™ logic level FET
3.
Ordering information
4.
Limiting values
[1]
Duty cycle is limited by the maximum junction temperature.
[2]
Repetitive avalanche failure is not determined simply by thermal effects. Repetitive avalanche transients should only be applied for short
bursts, not every switching cycle.
Table 2:
Ordering information
Type number
Package
Name
Description
Version
PH2625L
LFPAK
plastic single-ended surface mounted package; 4 leads
SOT669
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
25
°C ≤ T
j ≤ 150 °C
-
25
V
VDGR
drain-gate voltage (DC)
25
°C ≤ T
j ≤ 150 °C; RGS =20kΩ
-25
V
VGS
gate-source voltage
-
±20
V
ID
drain current (DC)
Tmb =25 °C; VGS =10V; Figure 2 and 3
-
100
A
Tmb = 100 °C; VGS =10V; Figure 2
-63
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs; Figure 3
-
300
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
-
62.5
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+150
°C
Source-drain diode
IS
source (diode forward) current (DC) Tmb =25 °C
-
52
A
ISM
peak source (diode forward)
current
Tmb =25 °C; pulsed; tp ≤ 10 µs
-
156
A
Avalanche ruggedness
EDS(AL)S non-repetitive drain-source
avalanche energy
unclamped inductive load; ID =71A;
tp = 0.1 ms; VDD ≤ 25 V; RGS =50 Ω;
VGS = 10 V; starting at Tj =25 °C
-
250
mJ
EDS(AL)R repetitive drain-source avalanche
energy
unclamped inductive load; ID = 7.1 A;
tp = 0.01 ms; VDD ≤ 25 V; RGS =50 Ω;
VGS =10V
[1] [2] -
2.5
mJ


Similar Part No. - PH2625L

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PH2625L NEXPERIA-PH2625L Datasheet
576Kb / 16P
   N-channel 25 V 2.8 mΩ logic level MOSFET in LFPAK
Rev. 3 - 21 December 2011
More results

Similar Description - PH2625L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH16030L PHILIPS-PH16030L Datasheet
89Kb / 12P
   N-channel TrenchMOS-TM logic level FET
Rev. 01-24 February 2005
PHK12NQ03LT PHILIPS-PHK12NQ03LT Datasheet
92Kb / 12P
   N-channel TrenchMOS-TM logic level FET
Rev. 02-02 March 2004
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com