Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB27AT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # P6SMB27AT3
Description  600 Watt Peak Power Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P6SMB27AT3 Datasheet(HTML) 2 Page - ON Semiconductor

  P6SMB27AT3 Datasheet HTML 1Page - ON Semiconductor P6SMB27AT3 Datasheet HTML 2Page - ON Semiconductor P6SMB27AT3 Datasheet HTML 3Page - ON Semiconductor P6SMB27AT3 Datasheet HTML 4Page - ON Semiconductor P6SMB27AT3 Datasheet HTML 5Page - ON Semiconductor P6SMB27AT3 Datasheet HTML 6Page - ON Semiconductor P6SMB27AT3 Datasheet HTML 7Page - ON Semiconductor P6SMB27AT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Uni–Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
P6SMB6.8AT3 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (Note 1.) @ TL = 25°C, Pulse Width = 1 ms
PPK
600
W
DC Power Dissipation @ TL = 75°C
Measured Zero Lead Length (Note 2.)
Derate Above 75
°C
Thermal Resistance from Junction to Lead
PD
RqJL
3.0
40
25
W
mW/
°C
°C/W
DC Power Dissipation (Note 3.) @ TA = 25°C
Derate Above 25
°C
Thermal Resistance from Junction to Ambient
PD
RqJA
0.55
4.4
226
W
mW/
°C
°C/W
Forward Surge Current (Note 4.) @ TA = 25°C
IFSM
100
A
Operating and Storage Temperature Range
TJ, Tstg
–65 to +150
°C
1. 10 X 1000
ms, non–repetitive
2. 1
″ square copper pad, FR–4 board
3. FR–4 board, using ON Semiconductor minimum recommended footprint, as shown in 403A case outline dimensions spec.
4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, VF = 3.5 V Max. @
IF (Note 4) = 30 A) (Note 5.)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
5. 1/2 sine wave or equivalent, PW = 8.3 ms, non–repetitive
duty cycle


Similar Part No. - P6SMB27AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6SMB27AT3 ONSEMI-P6SMB27AT3 Datasheet
70Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
P6SMB27AT3G ONSEMI-P6SMB27AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB27AT3G ONSEMI-P6SMB27AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
More results

Similar Description - P6SMB27AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB5.0AT3G ONSEMI-1SMB5.0AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB28AT3G ONSEMI-SZ1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB11CAT3 ONSEMI-P6SMB11CAT3 Datasheet
71Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com