Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC107AVZFU100LD Datasheet(PDF) 6 Page - ATMEL Corporation

Part # PC107AVZFU100LD
Description  PCI Bridge Memory Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC107AVZFU100LD Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button PC107AVZFU100LD Datasheet HTML 2Page - ATMEL Corporation PC107AVZFU100LD Datasheet HTML 3Page - ATMEL Corporation PC107AVZFU100LD Datasheet HTML 4Page - ATMEL Corporation PC107AVZFU100LD Datasheet HTML 5Page - ATMEL Corporation PC107AVZFU100LD Datasheet HTML 6Page - ATMEL Corporation PC107AVZFU100LD Datasheet HTML 7Page - ATMEL Corporation PC107AVZFU100LD Datasheet HTML 8Page - ATMEL Corporation PC107AVZFU100LD Datasheet HTML 9Page - ATMEL Corporation PC107AVZFU100LD Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
PC107A [Preliminary]
2137C–HIREL–03/04
WT
AC16
I/O
BV
DD
DRV_CPU
PCI Interface Signals
AD[31–0]
N23, N21, M20, M21, M22, M24, M25,
L20, L22, K25, K24, K23, K21, J20,
J24, J25, H20, F24, E25, F21, E24,
E22, D25, A25, B25, A23, B23, B22,
C22, C25, D23, D21
I/O
OVDD
DRV_PCI
(4)(11)
C/BE[3–0]
L24, J22, G22, A24,
I/O
OVDD
DRV_PCI
(4)(11)
DEVSEL
G23
I/O
OV
DD
DRV_PCI
(6)(11)
FRAME
G20
I/O
OVDD
DRV_PCI
(6)(11)
GNT[4–0]
T24, P22, P21, R22, N20
Output
OVDD
DRV_PCI
(4)(11)
IDSEL
L25
Input
OV
DD
INTA
V21
Output
OVDD
DRV_PCI
(6)(11)(12)
IRDY
H24
I/O
OVDD
DRV_PCI
(6)(11)
LOCK
G21
Input
OV
DD
(6)
PAR
G24
I/O
OVDD
DRV_PCI
(11)
PERR
G25
I/O
OVDD
DRV_PCI
(6)(11)(13)
REQ[4–0]
W25, V25, U25, T25, T23
Input
OV
DD
(10)
SERR
F25
I/O
OVDD
DRV_PCI
(6)(11)(12)
STOP
H21
I/O
OV
DD
DRV_PCI
(6)(11)
TRDY
H25
I/O
OV
DD
DRV_PCI
(6)(11)
Memory Interface Signals
AS
A4
Output
GV
DD
DRV_MEM_ADDR
CAS/DQM[0–7]
A2, B1, A11, A10, B3, C2, F12, D11
Output
GV
DD
DRV_MEM_ADDR
(4)
CKE
A12
Output
GVDD
DRV_MEM_ADDR
(1)
FOE
A13
I/O
GV
DD
DRV_MEM_ADDR
(1)(2)
MDH[0–31]
M6, L4, L6, K2, K4, K5, J4, J6, H4, H5,
G3, G5, G6, F5, F1, E1, B14, D15,
B15, E16, D16, C16, D18, D17, B17,
F18, E19, E20, B19, B20, B21, A22
I/O
GV
DD
DRV_MEM_DATA
(4)
MDL[0–31]
M5, L1, L2, K1, K3, J1, J2, H1, H2,
H6, G2, G4, F4, G1, F2, E2, F14, F15,
A16, F17, B16, A17, A18, A19, B18,
E18, D19, F19, A20, C19, D20, A21
I/O
GVDD
DRV_MEM_DATA
(3)(4)
PAR/AR[0–7]
D2, C1, A15, A14, D1, D3, F13, C13
I/O
GV
DD
DRV_MEM_DATA
(4)
RAS/CS[0–7]
E6, C4, D5, E4, C10, F11, B10, B11
Output
GVDD
DRV_MEM_ADDR
(4)
RCS0
D10
I/O
GVDD
DRV_MEM_ADDR
(1)(2)
RCS1
B9
Output
GV
DD
DRV_MEM_DATA
RCS2
B5
Output
GVDD
DRV_MEM_ADDR
Table 1. PC107A Pinout Listing (Continued)
Signal Name
Package Pin Number
Pin Type
Supply
Voltage
Output Driver Type
Notes


Similar Part No. - PC107AVZFU100LD

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
PC10 MAXWELL-PC10 Datasheet
874Kb / 4P
   PC SERIES ULTRACAPACITORS
PC10 MAXWELL-PC10 Datasheet
1Mb / 5P
   PC SERIES ULTRACAPACITORS
logo
Picker Components
PC10 PICKER-PC10 Datasheet
522Kb / 3P
   50 Amp Latching PCB Relay
logo
Total Power Internation...
PC10 TOTAL-POWER-PC10 Datasheet
129Kb / 2P
   NEW PC 104 POWER SUPPLY
logo
Superworld Electronics
PC10-1000 SUPERWORLD-PC10-1000 Datasheet
110Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - PC107AVZFU100LD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC106 MOTOROLA-MPC106 Datasheet
142Kb / 28P
   PCI Bridge/Memory Controller
logo
NXP Semiconductors
MPC105 NXP-MPC105 Datasheet
422Kb / 24P
   MPC105 PCI Bridge/Memory Controller Hardware Specifications
5/95
MPC106EC NXP-MPC106EC Datasheet
443Kb / 28P
   MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
logo
Intel Corporation
82434LX INTEL-82434LX Datasheet
2Mb / 191P
   PCI, CACHE AND MEMORY CONTROLLER PCMC
logo
Texas Instruments
PCI2040 TI-PCI2040 Datasheet
308Kb / 79P
[Old version datasheet]   PCI2040 PCI-DSP Bridge controller
PCI2040PGE TI-PCI2040PGE Datasheet
292Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
PCI2040 TI1-PCI2040_06 Datasheet
319Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
logo
NXP Semiconductors
UCB1500 PHILIPS-UCB1500 Datasheet
1,001Kb / 58P
   PCI to AC97 bridge/host controller
Rev. 01 -4 February 2000
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
   PCI to SD Memory Card / SmartMedia??Interface Controller
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com